Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1668 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1668
Description  For Power amplification (-100V, -8A)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1668 Datasheet(HTML) 1 Page - Rohm

  2SB1668 Datasheet HTML 1Page - Rohm 2SB1668 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SB1668
Transistors
1/1
For Power amplification (
−100V, −8A)
2SB1668
Structure
External dimensions (Unit : mm)
PNP Silicon Epitaxial Planar Transistor
(Darlington connection)
TO-220FN
(1)Base
(2)Collector
(3)Emitter
4.5
2.8
0.75
φ3.2
(2)(3)
(1)
0.8
2.54
2.6
2.54
1.3
1.2
10.0
Features
1) High hFE by darlington connection.
2) Built-in resistors between base and emitter.
3) Damper diode is incorporated.
Applications
Complements
Relay drive
Motor drive
PNP
2SB1668
NPN
2SD2607
Absolute maximum ratings (Ta=25
°C)
Packaging specifications and hFE
Package
Code
Taping
Basic ordering unit (pieces)
2SB1668
500
Type
Power dissipation
Parameter
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Range of storage temperature
PC
Symbol
VCBO
VCEO
VEBO
IC
Tj
Tstg
Limits
−100
−100
−7
−8
2
30
150
−55 to +150
Unit
V
V
V
A
ICP
DC
Pulse
−10
A
W(Ta=25
°C)
W(Tc=25
°C)
°C
°C
∗1
∗1 t=100ms
Electrical characteristics (Ta=25
°C)
Parameter
Conditions
Collector-base breakdown voltage
IC=
−50µA
Collector-emitter breakdown voltage
IC=
−5mA
Emitter-base breakdown voltage
IE=
−5mA
Collector cut-off current
VCB=
−100V
Emitter cut-off current
VEB=
−5V
DC current gain
VCE=
−3V, IC=−2A
Transition frequency
VCE=
−5V, IE=0.5A, f=10MHz
Collector output capacitance
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
fT
Cob
Min.
−100
−100
−7
1
Typ.
12
90
Max.
−10
−3
20
Unit
V
V
V
µA
mA
Collector-emitter saturation voltage
IC/IB=
−3A /−6mA
VCE(sat)
−−
1.5
V
K
MHz
pF
VCB=
−10V, IE=0A, f=1MHz


Similar Part No. - 2SB1668

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1668 ROHM-2SB1668 Datasheet
53Kb / 1P
   For Power amplification (100V, 8A)
2SB1668 ROHM-2SB1668 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results

Similar Description - 2SB1668

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2607 ROHM-2SD2607 Datasheet
53Kb / 1P
   For Power amplification (100V, 8A)
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
   POWER TRANSISTOR (-100V, -8A)
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
   100V, 8A Rectifier
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
   100V, 8A Rectifier
logo
Shindengen Electric Mfg...
P8FE10SBK SHINDENGEN-P8FE10SBK Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
logo
Mospec Semiconductor
BDX53 MOSPEC-BDX53 Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
Shindengen Electric Mfg...
P8B10SB SHINDENGEN-P8B10SB Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
logo
Mospec Semiconductor
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
logo
Panasonic Semiconductor
2SB0930 PANASONIC-2SB0930 Datasheet
75Kb / 3P
   For Power Amplification
2SB1623A PANASONIC-2SB1623A Datasheet
67Kb / 3P
   For Power Amplification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com