Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMC-PRB9-TW0D5 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ASMC-PRB9-TW0D5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ASMC-PRB9-TW0D5 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ASMC-PRB9-TW0D5 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ASMC-PRB9-TW0D5 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ASMC-PRB9-TW0D5 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ASMC-PRB9-TW0D5 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ASMC-PRB9-TW0D5 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ASMC-PRB9-TW0D5 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ASMC-PRB9-TW0D5 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ASMC-PRB9-TW0D5 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ASMC-PRB9-TW0D5 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Absolute Maximum Ratings (TA = 25
°C)
Parameters
ASMC-PxB9-Txxxx
DC Forward Current[1]
70 mA[3,4]
Peak Forward Current[2]
200 mA
Power Dissipation
240 mW
Reverse Voltage
5 V
Junction Temperature
125
°C
Operating Temperature
-40
°C to +100°C
Storage Temperature
-40
°C to +100°C
Notes:
1. Derate linearly as shown in figure 4.
2. Duty factor = 10%, Frequency = 1 kHz.
3. Drive current between 10 mA and 70 mA is recommended for best long-term performance.
4. Operation at currents below 5 mA is not recommended.
Optical Characteristics (TA = 25
°C)
Luminous
Intensity/
Peak
Dominant
Viewing
Luminous
Total Flux
Wavelength
Wavelength
Angle 2q1/2[2]
Efficacy hV[3]
IV (mcd)/
Dice
lPEAK (nm)
lD[1] (nm)
(Degrees)
(lm/W)
FV[4,5] (lm)
Color
Part Number
Technology
Typ.
Typ.
Typ.
Typ.
Typ.
Red
ASMC-PRB9-Txxx5
AlInGaP
639.0
630.0
120
155
0.30
Red Orange
ASMC-PHB9-Txxx5
AlInGaP
623.0
617.0
120
263
0.29
Amber
ASMC-PAB9-Txxx5
AlInGaP
594.0
592.0
120
500
0.26
Notes:
1. The dominant wavelength, lD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2. q1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
3. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = IV/hV, where IV is the luminous intensity in candelas and hV is the
luminous efficacy in lumens/watt.
4. FV is the total luminous flux output as measured with an integrating sphere after the device has stabilized.
5. Flux tested at mono pulse conditions.
Electrical Characteristics (TA = 25
°C)
Forward Voltage VF (Volts) @ IF = 50 mA
Reverse Voltage VR @ 100
µA
Part Number
Typ.
Max.
Min.
ASMC-PxB9-Txxx5
2.8
3.4
5
Part Numbering System
ASMC - PX1 B9 - TX2 X3 X4 X5
Packaging Option
Color Bin Selection
Intensity Bin Limit
Intensity Bin Selection
LED Chip Color


Similar Part No. - ASMC-PRB9-TW0D5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PRB9-TV005 AVAGO-ASMC-PRB9-TV005 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PRB9-TXXX5 AVAGO-ASMC-PRB9-TXXX5 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PRB9-TW0D5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com