Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723663 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT723663
Description  CMOS SyncFIFO WITH BUS-MATCHING
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723663 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT723663 Datasheet HTML 1Page - Integrated Device Technology IDT723663 Datasheet HTML 2Page - Integrated Device Technology IDT723663 Datasheet HTML 3Page - Integrated Device Technology IDT723663 Datasheet HTML 4Page - Integrated Device Technology IDT723663 Datasheet HTML 5Page - Integrated Device Technology IDT723663 Datasheet HTML 6Page - Integrated Device Technology IDT723663 Datasheet HTML 7Page - Integrated Device Technology IDT723663 Datasheet HTML 8Page - Integrated Device Technology IDT723663 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT723653/723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
PIN DESCRIPTIONS
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O
36-bit bidirectional data port for side A.
AE
Almost-EmptyFlag
O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in the
(Port B)
FIFO is less than or equal to the value in the Almost-Empty B offset register, X.
AF
Almost-FullFlag
O
Programmable Almost-Full flag synchronized to CLKA. It is LOW when the number of empty
(Port A)
locations in the FIFO is less than or equal to the value in the Almost-Full A offset register, Y.
B0-B35
Port B Data
I/O
36-bit bidirectional data port for side B.
BE/
FWFT
Big-Endian/
I
This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation. In
First Word
this case, depending on the bus size, the most significant byte or word written to Port A is read from
Fall Through
Port B first. A LOW on BE will select Little-Endian operation. In this case, the least significant byte or
word written to Port A is read from Port B first. After Master Reset, this pin selects the timing mode. A
HIGH on
FWFT selects IDT Standard mode, a LOW selects First Word Fall Through mode. Once
the timing mode has been selected, the level on
FWFT must be static throughout device operation.
BM(1)
Bus-MatchSelect
I
A HIGH on this pin enables either byte or word bus width on Port B, depending on the state of
(Port B)
SIZE. A LOW selects long word operation. BM works with SIZE and BE to select the bus size and
endian arrangement for Port B.The level of BM must be static throughout device operation.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through Port A and can be
asynchronous or coincident to CLKB.
FF/IR and AF are synchronized to the LOW-to-HIGH
transition of CLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through Port B and can be
asynchronous or coincident to CLKA.
EF/OR and AE are synchronized to the LOW-to-HIGH
transition of CLKB.
CSA
Port A Chip
I
CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A.The
Select
A0-A35 outputs are in the high-impedance state when
CSA is HIGH.
CSB
Port B Chip
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B.
Select
The B0-B35 outputs are in the high-impedance state when
CSB is HIGH.
EF/OR
Empty/Output
O
This is a dual function pin. In the IDT Standard mode, the
EF function is selected. EFindicates
Ready Flag
whether or not the FIFO memory is empty. In the FWFT mode, the OR function is selected. OR indicates
(Port B)
the presence of valid data on the B0-B35 outputs, available for reading.
EF/OR is synchronized to the
LOW-to-HIGH transition of CLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A.
ENB
Port B Enable
I
ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B.
FF/IR
Full/Input
O
This is a dual function pin. In the IDT Standard mode, the
FF function is selected. FF indicates
Ready Flag
whether or not the FIFO memory is full. In the FWFT mode, the IR function is selected. IR indicates
(Port A)
whether or not there is space available for writing to the FIFO memory.
FF/IR is synchronized to the
LOW-to-HIGH transition of CLKA.
FS0/SD
Flag Offset Select 0/
I
FS1/
SEN and FS0/SD are dual-purpose inputs used for flag offset register programming. During
Serial Data,
Reset, FS1/
SEN andFS0/SD,togetherwithFS2selecttheflagoffsetprogrammingmethod. Three
offset register programming methods are available: automatically load one of five preset values (8,
16, 64, 256 or 1,024), parallel load from Port A, and serial load.
FS1/
SEN
Flag Offset Select 1/
I
Serial Enable
When serial load is selected for flag offset register programming, FS1/
SEN is used as an enable
synchronous to the LOW-to-HIGH transition of CLKA. When FS1/
SEN is LOW, a rising edge on
FS2(1)
Flag Offset Select 2
I
CLKA load the bit present on FS0/SD into the X and Y registers. The number of bit writes required
to program the offset registers is 22 for the IDT723653, 24 for the IDT723663, and 26 for the IDT723673.
The first bit write stores the Y-register MSB and the last bit write stores the X-register LSB.
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a Port A read or write operation.
Select
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a Port B read or write operation. When the
Select
B0-B35 outputs are active, a HIGH level on MBB selects data from the mail1 register for output and
a LOW level selects FIFO data for output.


Similar Part No. - IDT723663

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
More results

Similar Description - IDT723663

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com