Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723653L12PF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT723653L12PF
Description  CMOS SyncFIFO WITH BUS-MATCHING
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723653L12PF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT723653L12PF Datasheet HTML 5Page - Integrated Device Technology IDT723653L12PF Datasheet HTML 6Page - Integrated Device Technology IDT723653L12PF Datasheet HTML 7Page - Integrated Device Technology IDT723653L12PF Datasheet HTML 8Page - Integrated Device Technology IDT723653L12PF Datasheet HTML 9Page - Integrated Device Technology IDT723653L12PF Datasheet HTML 10Page - Integrated Device Technology IDT723653L12PF Datasheet HTML 11Page - Integrated Device Technology IDT723653L12PF Datasheet HTML 12Page - Integrated Device Technology IDT723653L12PF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT723653/723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
Commercial
IDT723653L12
IDT723653L15
IDT723663L12
IDT723663L15
IDT723673L12
IDT723673L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ toA0-A35andCLKB↑ toB0-B35
2
8
2
10
ns
tWFF
Propagation Delay Time, CLKA
↑ to FF/IR
2
8
2
8
ns
tREF
Propagation Delay Time, CLKB
↑ to EF/OR
1
8
1
8
ns
tPAE
Propagation Delay Time, CLKB
↑toAE
18
1
8
ns
tPAF
Propagation Delay Time, CLKA
↑to AF
18
1
8
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1LOW or MBF2and CLKB↑ to MBF2
08
0
8
ns
LOW or
MBF1 HIGH
tPMR
Propagation Delay Time, CLKA
↑ to B0-B35(1) and CLKB↑ to A0-A35(2)
28
2
10
ns
tMDV
Propagation Delay Time, MBA to A0-A35 valid and MBB to B0-B35 Valid
2
8
2
10
ns
tRSF
Propagation Delay Time,
RS1 or PRS LOW to AE LOW, AF HIGH, MBF1 HIGH
1
10
1
15
ns
and
MBF2 HIGH
tEN
Enable Time,
CSAand W/RALOW to A0-A35 Active and CSBLOW and W/RB HIGH to
2
6
2
10
ns
B0-B35 Active
tDIS
Disable Time,
CSAor W/RAHIGH to A0-A35 at highimpedance and CSBHIGH
1
6
1
8
ns
or
W/RB LOW to B0-B35 at high impedance
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30 pF
NOTES:
1. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
3. Industrial temperature range is available by special order.
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C)


Similar Part No. - IDT723653L12PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
More results

Similar Description - IDT723653L12PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com