Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27262 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27262
Description  Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27262 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM27262 Datasheet HTML 1Page - National Semiconductor (TI) LM27262 Datasheet HTML 2Page - National Semiconductor (TI) LM27262 Datasheet HTML 3Page - National Semiconductor (TI) LM27262 Datasheet HTML 4Page - National Semiconductor (TI) LM27262 Datasheet HTML 5Page - National Semiconductor (TI) LM27262 Datasheet HTML 6Page - National Semiconductor (TI) LM27262 Datasheet HTML 7Page - National Semiconductor (TI) LM27262 Datasheet HTML 8Page - National Semiconductor (TI) LM27262 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM27262
Intel CPU Core Voltage Regulator Controller for VRD10
Compatible PCs
General Description
The LM27262 is a versatile synchronous buck voltage regu-
lator controller designed according to the Intel VRD10 Speci-
fication. It’s a fixed-frequency voltage-mode control PWM
with average current modulation of the reference voltage to
achieve the desired output impedance. This approach im-
parts a pseudo current mode behavior to the control loop.
The part provides the control for a voltage regulator consist-
ing of either 2-, 3- or 4-phases to provide power to a desktop
CPU. Pulse-by-pulse phase current balancing ensures ac-
curate current sharing. CPU core currents of over 90A can
be supported without requiring significant over design of the
power path. The LM27262 contains a precision 6-bit digital-
to-analog converter (DAC) that uses a VID-code provided by
the CPU to program the desired CPU core voltage. The
regulator output voltage can be dynamically adjusted by
changing the VID-code “on the fly”.
The part is intended to provide all the specified functions laid
out in the VRD-10 specification, making it as simple as
possible for the user to realize a fully compliant CPU core
supply for Intel’s Pentium4 and Prescottprocessors.
The LM27262 is available in a 48-lead TSSOP package and
in a 48-lead LLP package.
Features
n
Compatible with “VRD10 Voltage Regulation
Specification” for Intel Pentium 4 and Prescott
Processors
n
Supports Intel SpeedSteptechnology
(Geyserville-III), which enables real-time dynamic
switching of the CPU core voltage and the CPU clock
frequency
n
Uses external gate drivers (LM2724) for maximum
layout flexibility and noise immunity
n
Fixed frequency PWM architecture
n
Pin selectable internal or external voltage reference
n
0.5% core voltage set-point accuracy when using
external voltage reference
n
0.9% accurate internal bandgap reference
n
2-, 3- or 4-phase operation
n
Out-of-phase switching reduces input ripple current,
thereby minimizing input capacitor requirements
n
VID-code programmable output voltage range of
0.8375V through 1.6000V
n
User programmable, low loss, load line slope
n
User programmable Standard VID offset
n
User programmable VCORE slew rate
n
5V power rail Under Voltage Lock Out (UVLO)
n
Over Voltage Protection (OVP), Under Voltage
Protection (UVP), and Over Current Protection (OCP) to
defend against potentially catastrophic events
n
User programmable fault latch that can be used to
disable the regulator in the event a power system fault
n
Very fast transient response
n
VID-transition masked PWRGOOD output
n
True-differential current sensing for each phase ensures
accurate load current sharing
n
User programmable cycle-by-cycle current limit
Key Specifications
n
Fast transient response to minimize output capacitor
requirements
n
Shorter design cycles through the use of external gate
drivers for reduced power dissipation, ease of PCB
layout and reduced noise sensitivity
n
Fully integrated solution. All VRD-10 control functions
provided by a single device
n
Accurate current balancing eliminates need to over
design the power path
n
Fixed frequency PWM minimizes EMI issues
n
Low input capacitor requirements due to multi-phase
interleaving
n
Fault latching allows use of smaller power path
components and minimizes the chance of damage to
the load in the event of a fault
n
Only need to buy as many drivers as the design needs
while keeping only one controller in inventory
Applications
n
Server and desktop computer CPU core power supplies
requiring a 2, 3- or 4-phase voltage regulator delivering
up to 100A
n
Transportable notebook computers using desktop CPUs
n
Low cost transportable notebook computers using 2- or
3-phase designs
Pentiumis a trademark of Intel Corporation.
October 2004
© 2005 National Semiconductor Corporation
DS200834
www.national.com


Similar Part No. - LM27262

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2726 NSC-LM2726 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
LM2726M NSC-LM2726M Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Texas Instruments
LM2726M TI1-LM2726M Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
LM2726M/NOPB TI1-LM2726M/NOPB Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
National Semiconductor ...
LM2726MX NSC-LM2726MX Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results

Similar Description - LM27262

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
V2403 MOXA-V2403 Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU industrial computer
V2406C MOXA-V2406C Datasheet
2Mb / 7P
   7th Gen Intel Core CPU railway computers
logo
Maxim Integrated Produc...
MAX1718 MAXIM-MAX1718 Datasheet
700Kb / 35P
   Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning IMVP-II
19-1960; Rev 3; 8/02
logo
Richtek Technology Corp...
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
logo
Protech Systems Co., Lt...
PSB-701LF PROTECHSYSTEMS-PSB-701LF Datasheet
494Kb / 2P
   Socket 775 Intel Core 2Duo Core 2Quad PICMG 1.3 CPU Card
logo
Richtek Technology Corp...
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com