Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1800L Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # TB1800L
Description  SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

TB1800L Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  TB1800L Datasheet HTML 1Page - Lite-On Technology Corporation TB1800L Datasheet HTML 2Page - Lite-On Technology Corporation TB1800L Datasheet HTML 3Page - Lite-On Technology Corporation TB1800L Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TB0640L thru TB3500L
FEATURES
Oxide Glass Passivated Junction
Bidirectional protection in a single device
Surge capabilities up to 30A @ 10/1000us or 150A
@ 8/20us
High off state Impedance and low on state voltage
Plastic material has UL flammability classification
94V-0
MECHANICAL DATA
Case : Molded plastic
Polarity : Denotes none cathode band
Weight : 0.003 ounces, 0.093 grams
SURFACE MOUNT
THYRISTOR SURGE PROTECTIVE DEVICE
VDRM
- 58 to 320 Volts
IPP
- 30 Amperes
MAXIMUM RATINGS
MAXIMUM RATED SURGE WAVEFORM
WAVEFORM
THERMAL RESISTANCE
℃/W
UNIT
SYMBOL
%/℃
Junction to leads
CHARACTERISTICS
Typical positive temperature coefficient for brekdown voltage
Rth(J-L)
△VBR/△TJ
0.1
VALUE
30
120
Junction to ambient on print circuit (on recommended pad layout)
Rth(J-A)
℃/W
2/10 us
8/20 us
10/160 us
10/700 us
10/560 us
10/1000 us
STANDARD
GR-1089-CORE
IEC 61000-4-5
FCC Part 68
ITU-T K20/21
FCC Part 68
GR-1089-CORE
IPP (A)
200
150
100
60
50
30
100
50
0
tr
tp
TIME
Half value
Peak value (Ipp)
tr= rise time to peak value
tp= Decay time to half value
SMB
All Dimensions in millimeter
SMB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
4.06
4.57
3.94
3.30
1.96
2.21
0.31
0.15
5.21
5.59
0.05
0.20
2.01
2.62
0.76
1.52
C
B
A
H
E
F
G
D
SEMICONDUCTOR
LITE-ON
Bi-Directional
UNIT
SYMBOL
Non-repetitive peak impulse current @ 10/1000us
CHARACTERISTICS
storage temperature range
IPP
ITSM
TSTG
A
A
-55 to +150
VALUE
30
15
Non-repetitive peak On-state current @ 8.3ms (one half cycle)
Junction temperature range
TJ
-40 to +150
REV. 0, 15-Nov-2001, KSWB05


Similar Part No. - TB1800L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB1800L DIODES-TB1800L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB1800L DIODES-TB1800L Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB1800L DIODES-TB1800L Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
logo
SUNMATE electronic Co.,...
TB1800L SUNMATE-TB1800L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB1800L-13 DIODES-TB1800L-13 Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
More results

Similar Description - TB1800L

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com