Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA88101DBN Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MA88101DBN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MA88101DBN Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MA88101DBN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MA88101DBN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MA88101DBN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MA88101DBN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MA88101DBN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MA88101DBN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION SPECIFIC CAPACITORS
MINIATURE MICROWAVE CERAMIC CAPACITORS
120
CG01-J
MA10 & 50 SERIES, P90 & COG – CASE SIZE 1
MA70 SERIES, X7R – CASE SIZE 1
MACase Size 1 Series
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
0R1
0.1
B
150
0R2
0.2
150
0R3
0.3
B,C
150
0R4
0.4
150
0R5
0.5
B,C,D
150
0R6
0.6
150
0R7
0.7
150
0R8
0.8
150
0R9
0.9
150
1R0
1.0
150
1R1
1.1
150
1R2
1.2
150
1R3
1.3
150
1R4
1.4
150
1R5
1.5
150
1R6
1.6
150
1R7
1.7
150
1R8
1.8
150
1R9
1.9
150
2R0
2.0
150
2R2
2.2
150
2R4
2.4
150
2R7
2.7
150
3R0
3.0
150
3R3
3.3
150
3R6
3.6
150
3R9
3.9
150
4R3
4.3
150
*@ 125°C
**Extended Cap Range, COG only
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
680
68
F,G,J,K,M
150
750
75
150
820
82
150
910
91
150
101
100
150
111**
110
50
121**
120
50
131**
130
50
151**
150
50
161**
160
50
181**
180
50
201**
200
50
221**
220
50
241**
240
50
271**
270
50
301**
300
50
331**
330
50
361**
360
50
391**
390
50
431**
430
50
471**
470
50
511**
510
50
561**
560
50
621**
620
50
681**
680
50
751**
750
50
821**
820
50
911**
910
50
102**
1000
50
*@ 125°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
4R7
4.7
B,C,D
150
5R1
5.1
150
5R6
5.6
150
6R2
6.2
150
6R8
6.8
B,C,J,K,M
150
7R5
7.5
150
8R2
8.2
150
9R1
9.1
150
100
10
F,G,J,K,M
150
110
11
150
120
12
150
130
13
150
150
15
150
160
16
150
180
18
150
200
20
150
220
22
150
240
24
150
270
27
150
300
30
150
330
33
150
360
36
150
390
39
150
430
43
150
470
47
150
510
51
150
560
56
150
620
62
150
*@ 125°C
Cap.
Cap.
Cap.
WVDC***
Code
pF
Tol.
511
510
K,M,Z
50
561
560
50
621
620
50
681
680
50
751
750
50
821
820
50
911
910
50
102
1000
50
112
1100
50
122
1200
50
132
1300
50
***@ 85°C
Cap.
Cap.
Cap.
WVDC***
Code
pF
Tol.
152
1500
K,M,Z
50
162
1600
50
182
1800
50
202
2000
50
222
2200
50
242
2400
50
272
2700
50
302
3000
50
332
3300
50
362
3600
50
392
3900
50
***@ 85°C
Cap.
Cap.
Cap.
WVDC***
Code
pF
Tol.
432
4300
K,M,Z
50
472
4700
50
512
5100
50
562
5600
50
622
6200
50
682
6800
50
752
7500
50
822
8200
50
912
9100
50
103
10000
50
***@ 85°C


Similar Part No. - MA88101DBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA88V11B ETC1-MA88V11B Datasheet
47Kb / 9P
   Chip size : 808um x 665um , Pad size : 90um x 90um
More results

Similar Description - MA88101DBN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
List of Unclassifed Man...
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG1R9CC-W TAIYO-YUDEN-TVS042CG1R9CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R1CC-W TAIYO-YUDEN-TVS042CG3R1CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R3CC-W TAIYO-YUDEN-TVS042CG3R3CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com