Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTA20ZAM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTA20ZAM
Description  Full-Size (7.3mm or 4.7mm height)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTA20ZAM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTA20ZAM Datasheet HTML 1Page - List of Unclassifed Manufacturers MTA20ZAM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•• IInndduussttrryy S
Sttaannddaarrdd P
Paacckkaaggee
•• 55..00 oorr 33..33 V
Voolltt
•• H
HC
CM
MO
OS
S,, S
Siinneew
waavvee,, C
Clliippppeedd S
Siinnee
•• 11..000000M
MH
Hzz ttoo 11..000000G
GH
Hzz
•• S
Sttaabbiilliittyy D
Doow
wnn ttoo ±±11ppppm
m
MMTTAA aanndd MMTTBB SSeerriieess
Full-Size (7.3mm or 4.7mm height)
www.mmdcomp.com
Toll Free 1-877-663-2667 / Fax: 949-753-5889
Specifications subject to change without notice
Revision: 9/20/02 B
OS15
Electrical Specifications
H Option = HCMOS Output
Frequency Range
1.000MHz to 160.000MHz
Frequency Stability
Down to ±1ppm
Load
10K Ohms // 15pF
Supply Current
35mA max
Output
Logic”1” Level = 0.9Vdd min.
Logic”0” Level = 0.1Vdd max.
S Option = Clipped Sine Output
Frequency Range
8.000MHz to 300.000MHz
Frequency Stability
Down to ±1ppm
Load
10K Ohms // 15pF
Supply Current
3mA max.
Output
1.0V p-p min.
Z Option = Sinewave Output
Sinewave Output
8.000MHz to 1.000GHz
Frequency Stability
Down to ±1ppm
Load
50 Ohms
Supply Current
5mA max.
Output
7dBm min.
Operating Temperature Range
See Part Numbering Guide
Storage Temperature Range
-40°C to +85°C
Supply Voltage (Vdd)
Vdd = 5V
5.0Vdc ±5%
Vdd = 3.3V
3.3Vdc ±5%
Internal Trim (Top of can)
±3ppm min.
Control Voltage
Vdd = 5V
2.5Vdc±2.0Vdc Positive Slope
Vdd = 3.3V
1.65Vdc±1.5Vdc Positive Slope
Pin 1 Connection
Blank
No Connect
V Option
±10ppm min.
Frequency Stability
vs. Aging
±1ppm per year max.
vs. Voltage (with a 5% change)
±0.3ppm
vs. Load (with a 10% change)
±0.3ppm
Symmetry
@50% of waveform w/CMOS load
40/60%


Similar Part No. - MTA20ZAM

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTA20 ADAM-TECH-MTA20 Datasheet
128Kb / 1P
   .100 HEADER & HOUSING CONNECTOR SYSTEM
logo
Marktech Corporate
MTA2063-G MARKTECH-MTA2063-G Datasheet
65Kb / 1P
   Packaged LEDS/PCB Mount Indicators
MTA2063-G MARKTECH-MTA2063-G Datasheet
37Kb / 2P
   Marktech RT Angle Dual Stack PCB MT 3mm LEDs
MTA2063-HR MARKTECH-MTA2063-HR Datasheet
65Kb / 1P
   Packaged LEDS/PCB Mount Indicators
MTA2063-HR MARKTECH-MTA2063-HR Datasheet
37Kb / 2P
   Marktech RT Angle Dual Stack PCB MT 3mm LEDs
More results

Similar Description - MTA20ZAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMB104E ETC2-PCMB104E Datasheet
627Kb / 1P
   Low profile (3.0mm max) and small size (7.3mm x 6.6mm)
PCMB104T ETC2-PCMB104T Datasheet
627Kb / 1P
   Low profile (3.0 mm max) and small size (7.3mm x 6.6mm)
logo
Advantech Co., Ltd.
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_V01 Datasheet
2Mb / 4P
   PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G_15 Datasheet
295Kb / 2P
   Full-Size SBC
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
logo
Advantech Co., Ltd.
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
logo
Abracon Corporation
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
logo
AAEON Technology
EMB-BT7 AAEON-EMB-BT7 Datasheet
358Kb / 2P
   full-size mini-card
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com