Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP2001LP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HDSP2001LP
Description  0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HDSP2001LP Datasheet(HTML) 6 Page - Infineon Technologies AG

  HDSP2001LP Datasheet HTML 1Page - Infineon Technologies AG HDSP2001LP Datasheet HTML 2Page - Infineon Technologies AG HDSP2001LP Datasheet HTML 3Page - Infineon Technologies AG HDSP2001LP Datasheet HTML 4Page - Infineon Technologies AG HDSP2001LP Datasheet HTML 5Page - Infineon Technologies AG HDSP2001LP Datasheet HTML 6Page - Infineon Technologies AG HDSP2001LP Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
HDSP200LP/1LP/2LP/3LP
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
6
April 4, 2000-11
Thermal Considerations
The small alphanumeric displays are hybrid LED and CMOS
assemblies that are designed for reliable operation in commer-
cial, industrial, and military environments. Optimum reliability
and optical performance will result when the junction tempera-
ture of the LEDs and CMOS ICs are kept as low as possible.
Thermal Modeling
HDSP200XLP displays consist of two driver ICs and four 5 x 7
LED matrixes. A thermal model of the display is shown in Fig-
ure 5. It illustrates that the junction temperature of the semi-
conductor = junction self heating + the case temperature rise +
the ambient temperature. Equation 1 shows this relationship.
Figure 5. Thermal model
See Equation 1 below.
The junction rise within the LED is the product of the thermal
impedance of an individual LED (37
°C/W, DF=20%, F=200 Hz),
times the forward voltage, VF(LED), and forward current IF(LED),
of 13–14.5 mA. This rise averages TJ(LED)=1°C. The table below
shows the VF(LED) for the respective displays.
The junction rise within the LED driver IC is the combination of
the power dissipated by the IC quiescent current and the 28
row driver current sinks. The IC junction rise is given in
Equation 2.
A thermal resistance of 28
°C/W results in a typical junction
rise of 6
°C.
Model Number
VF
Min.
Typ.
Max.
HDSP2000LP
1.6
1.7
2.0
HDSP2001/2/3LP
1.9
2.2
3.0
LED T
1
IC T
2
LED T
1
LED T
1
IC T
2
LED T
1
LED Power IC Power
LED Power
LED Power IC Power
LED Power
RθCA
Rθ1
Rθ1
Rθ1
Rθ1
Rθ2
Rθ2
For ease of calculations the maximum allowable electrical oper-
ating condition is dependent upon the aggregate thermal resis-
tance of the LED matrixes and the two driver ICs. All of the
thermal management calculations are based upon the parallel
combination of these two networks which is 15
°C/W. Maxi-
mum allowable power dissipation is given in Equation 3.
Equation 3.
For further reference see Figures 2, 7, 8, 9, 10 and 11.
Key to equation symbols
DF
Duty factor
ICC
Quiescent IC current
ICOL
Column current
n
Number of LEDs on in a 5 x 7 array
PCASE
Package power dissipation excluding LED
under consideration
PCOL
Power dissipation of a column
PDISPLAY
Power dissipation of the display
PLED
Power dissipation of a LED
RθCA
Thermal resistance case to ambient
RθJC
Thermal resistance junction to case
TA
Ambient temperature
TJ(IC)
Junction temperature of an IC
TJ(LED)
Junction temperature of a LED
TJ(MAX)
Maximum junction temperature
VCC
IC voltage
VCOL
Column voltage
VF(LED)
Forward voltage of LED
ZθJC
Thermal impedance junction to case
Optical Considerations
The light output of the LEDs is inversely related to the LED
diode’s junction temperature as shown in Figure 6. For opti-
mum light output, keep the thermal resistance of the socket or
PC board as low as possible.
P
DISPLAY
T
J MAX
() TA
RθJC RθCA
+
---------------------------------
=
P
DISPLAY
5V
COL ICOL n35
() DF V
CC ICC
+
=
See Equation 2 below.
Equation 1.
Equation 2.
T
J LED
()
P
LED Z
θJC
P
CASE
RθJC RθCA
+
() T
A
++
=
T
J LED
()
I
COL 28
()V
F LED
() ZθJC
[]
n35
()I
COL DF 5VCOL
() V
CC ICC
+
[] RθJC RθCA
+
[] T
A
+
+
=
T
JIC
()
P
COL R
θJC
RθCA
+
() T
A
+
=
T
JIC
()
5V
COL
V
F LED
()
() I
COL 2
() n35
()DF
⋅⋅
V
CC
I
CC
+
[] RθJC RθCA
+
[]
T
A
+
=


Similar Part No. - HDSP2001LP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP2001 HP-HDSP2001 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
More results

Similar Description - HDSP2001LP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
logo
Agilent(Hewlett-Packard...
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com