Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRA-E910ST1 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # IRA-E910ST1
Description  Pyroelectric Infrared Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRA-E910ST1 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button IRA-E910ST1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. IRA-E910ST1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. IRA-E910ST1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. IRA-E910ST1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRA-E910ST1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRA-E910ST1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRA-E910ST1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. IRA-E910ST1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. IRA-E910ST1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
!Note Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
S21E.pdf 05.11.16
(IRA-E420SW1)
! Dimensions & Circuit Diagrams
(IRA-E420S1, IRA-E420QW1)
d
s
g
5.08
±0.05
ø0.45
±0.05
50
°
3.0
±0.1
5.08
±0.05
d
s
g
ø0.45
±0.05
2.4
±0.1
17
°
17
°
1.8
Pyroelectric element
1.6
Pyroelectric element
RG
s
g
d
(in mm)
4
5
Temperature Compensation Single Type Pyroelectric Infrared Sensor
IRA-E420 Series
Pyroelectric Infrared Sensors
Single type pyroelectric infrared sensors IRA-E420 series
have a temperature compensation element.
They are suitable for flame detection and gas detection.
! Features
1. High stability against abrupt ambient temperature changes
2. High immunity to external noise (Vibration, RFI etc.)
3. Custom design is available with varying optical filter.
! Applications
Part Number
IRA-E420S1
IRA-E420QW1
IRA-E420SW1
Silicon
4.3µm band-pass
4.45µm band-pass
1-15µm infrared detection
Flame detection
Flame detection
Optical Filter
Applications
(in mm)
∗Specified on the bottom of stem
General Tolerance : ±0.2
(in mm)
∗Specified on the bottom of stem
General Tolerance : ±0.2
(in mm)


Similar Part No. - IRA-E910ST1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRA-E910ST1 MURATA-IRA-E910ST1 Datasheet
57Kb / 1P
   PYROELECTRIC INFRARED SENSORS IRA SERIES
logo
Murata Manufacturing Co...
IRA-E910ST1 MURATA1-IRA-E910ST1 Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
IRA-E910ST1 MURATA1-IRA-E910ST1 Datasheet
310Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
More results

Similar Description - IRA-E910ST1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRA-S220ST01A01 MURATA1-IRA-S220ST01A01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S230ST01 MURATA1-IRA-S230ST01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S500ST01A01 MURATA1-IRA-S500ST01A01 Datasheet
424Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E420QW1 MURATA1-IRA-E420QW1 Datasheet
289Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E700ST1 MURATA1-IRA-E700ST1 Datasheet
347Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S200ST01A01 MURATA1-IRA-S200ST01A01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E420SW1 MURATA1-IRA-E420SW1 Datasheet
290Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRS-B345ST03-R1 MURATA1-IRS-B345ST03-R1 Datasheet
329Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S210ST01 MURATA1-IRA-S210ST01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S400ST01A01 MURATA1-IRA-S400ST01A01 Datasheet
423Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com