Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G72SC-DC9CL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G72SC-DC9CL
Description  Sub-miniature, low profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G72SC-DC9CL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G72SC-DC9CL Datasheet HTML 1Page - List of Unclassifed Manufacturers G72SC-DC9CL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
PH (732) 922-6333
FX (732) 922-6363
E-mail: globalcomponents@msn.com
n How to order
n Dimensions
G72
S
C - DC12
C
Model
Enclosure: S = Sealed
D = Dust Cover (Flux-Tite)
Contacts; A = SPST-No
C = SPDT
Coil Voltage: DC 5, 6, 9, 12, 24
Contact Material/Ratings:
Blank = Ag 5A @ 28VDC/120VAC
C = AgCdO 10A @ 28VDC/120VAC
C1 = AgCdO 7A @ 220VAC
S =AgSnO2TV-5
n UL/CSA CONTACT RATINGS
MATERIAL
CODE
C
S
10A, 120VAC, RESISTIVE
1/4 HP, 120VAC
10A, 28VDC
10A, 12VDC, TUNGSTEN
TV-5, 120VAC (NO)


Similar Part No. - G72SC-DC9CL

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G7200 GREENLIANT-G7200 Datasheet
161Kb / 5P
   NVMe U.2 EnduroSLC Industrial Enterprise SSD
logo
IDEA.lnc.
G72B IDEA-G72B Datasheet
25Kb / 1P
   T-1-3/4 Double Height, Right-Angle LED Assembly
logo
Greenliant systems
G72U1T6P-I-GD104 GREENLIANT-G72U1T6P-I-GD104 Datasheet
161Kb / 5P
   NVMe U.2 EnduroSLC Industrial Enterprise SSD
G72U1T9P-I-GD104 GREENLIANT-G72U1T9P-I-GD104 Datasheet
161Kb / 5P
   NVMe U.2 EnduroSLC Industrial Enterprise SSD
G72U800P-I-GD104 GREENLIANT-G72U800P-I-GD104 Datasheet
161Kb / 5P
   NVMe U.2 EnduroSLC Industrial Enterprise SSD
More results

Similar Description - G72SC-DC9CL

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
   miniature, low profile SMD
26/10/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
   miniature, low profile SMD
1/10/05
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
   miniature, low profile SMD
26/10/05
logo
Bi technologies
HM66 BITECH-HM66 Datasheet
943Kb / 3P
   Miniature Low Profile, Shielded
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
   miniature, low profile SMD
2/11/05
logo
Epson ToYoCom
TG-5005CE EPSONTOYOCOM-TG-5005CE Datasheet
362Kb / 1P
   TCXO MINIATURE SIZE LOW PROFILE
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
Epson ToYoCom
TCO-5860 EPSONTOYOCOM-TCO-5860 Datasheet
318Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE
logo
Recom International Pow...
RW-S RECOM-RW-S Datasheet
99Kb / 3P
   DIP24 Low Profile Miniature Package
logo
Advanced Crystal Techno...
ACT9353 ACT-ACT9353 Datasheet
138Kb / 2P
   miniature low profile Clock Oscillator,
12/10/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com