Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2032-150LT44I Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI2032-150LT44I
Description  In-System Programmable High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032-150LT44I Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI2032-150LT44I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032-150LT44I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032-150LT44I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032-150LT44I Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032-150LT44I Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032-150LT44I Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032-150LT44I Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032-150LT44I Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032-150LT44I Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Specifications ispLSI 2032/A
10
Power consumption in the ispLSI 2032 and 2032A de-
vices depends on two primary factors: the speed at which
the device is operating and the number of Product Terms
used. Figure 4 shows the relationship between power
and operating speed.
Figure 4. Typical Device Power Consumption vs fmax
60
80
100
120
40
6080
100 120 140 160 180
fmax (MHz)
Notes: Configuration of Two 16-bit Counters
Typical Current at 5V, 25° C
ispLSI 2032/A (-150, -180)
ispLSI 2032/A (-80, -110, -135)
90
70
40
50
0127A/2032A
ICC can be estimated for the ispLSI 2032/A using the following equation:
For 2032/A -150, -180: ICC(mA) = 30 + (# of PTs * 0.46) + (# of nets * Max freq * 0.012)
For 2032/A -135, -110, -80: ICC(mA) = 21 + (# of PTs * 0.30) + (# of nets * Max freq * 0.012)
Where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max freq = Highest Clock Frequency to the device (in MHz)
The ICC estimate is based on typical conditions (VCC = 5.0V, room temperature) and an assumption of two GLB loads
on average exists. These values are for estimates only. Since the value of ICC is sensitive to operating conditions
and the program in the device, the actual ICC should be verified.
110
120
Power Consumption


Similar Part No. - ISPLSI2032-150LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LJ44 LATTICE-ISPLSI2032E-110LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT44 LATTICE-ISPLSI2032E-110LT44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT48 LATTICE-ISPLSI2032E-110LT48 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-135LJ44 LATTICE-ISPLSI2032E-135LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
More results

Similar Description - ISPLSI2032-150LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com