Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F3201VN020SC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z8F3201VN020SC
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Download  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3201VN020SC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z8F3201VN020SC Datasheet HTML 6Page - Zilog, Inc. Z8F3201VN020SC Datasheet HTML 7Page - Zilog, Inc. Z8F3201VN020SC Datasheet HTML 8Page - Zilog, Inc. Z8F3201VN020SC Datasheet HTML 9Page - Zilog, Inc. Z8F3201VN020SC Datasheet HTML 10Page - Zilog, Inc. Z8F3201VN020SC Datasheet HTML 11Page - Zilog, Inc. Z8F3201VN020SC Datasheet HTML 12Page - Zilog, Inc. Z8F3201VN020SC Datasheet HTML 13Page - Zilog, Inc. Z8F3201VN020SC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 246 page
background image
PS017610-0404
List of Figures
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
xiv
List of Figures
Figure 1.
Z8 Encore!® Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . 3
Figure 2.
Z8Fxx01 in 40-Pin Dual Inline Package (DIP) . . . . . . . . . . 7
Figure 3.
Z8Fxx01 in 44-Pin Plastic Leaded Chip Carrier (PLCC) . . 8
Figure 4.
Z8Fxx01 in 44-Pin Low-Profile Quad Flat Package (LQFP) 9
Figure 5.
Z8Fxx02 in 64-Pin Low-Profile Quad Flat Package (LQFP) 10
Figure 6.
Z8Fxx02 in 68-Pin Plastic Leaded Chip Carrier (PLCC) . 11
Figure 7.
Z8Fxx03 in 80-Pin Quad Flat Package (QFP) . . . . . . . . . . 12
Figure 8.
Power-On Reset Operation . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 9.
Voltage Brown-Out Reset Operation . . . . . . . . . . . . . . . . . 28
Figure 10. GPIO Port Pin Block Diagram . . . . . . . . . . . . . . . . . . . . . . 34
Figure 11. Interrupt Controller Block Diagram . . . . . . . . . . . . . . . . . 46
Figure 12. Timer Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 13. UART Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Figure 14. UART Asynchronous Data Format without Parity . . . . . . 80
Figure 15. UART Asynchronous Data Format with Parity . . . . . . . . . 80
Figure 16. UART Asynchronous Multiprocessor (9-bit) Mode
Data Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Figure 17. Infrared Data Communication System Block Diagram . . . 95
Figure 18. Infrared Data Transmission . . . . . . . . . . . . . . . . . . . . . . . . 97
Figure 19. Infrared Data Reception . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
Figure 20. SPI Configured as a Master in a Single Master,
Single Slave System . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
Figure 21. SPI Configured as a Master in a Single Master,
Multiple Slave System . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
Figure 22. SPI Configured as a Slave . . . . . . . . . . . . . . . . . . . . . . . . 100
Figure 23. SPI Timing When PHASE is 0 . . . . . . . . . . . . . . . . . . . . 103
Figure 24. SPI Timing When PHASE is 1 . . . . . . . . . . . . . . . . . . . . 104
Figure 25. 7-Bit Addressed Slave Data Transfer Format . . . . . . . . . 113
Figure 26. 10-Bit Addressed Slave Data Transfer Format . . . . . . . . 114
Figure 27. Receive Data Transfer Format for a 7-Bit
Addressed Slave . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
Figure 28. Receive Data Format for a 10-Bit Addressed Slave . . . . 116
Figure 29. Analog-to-Digital Converter Block Diagram . . . . . . . . . 133
Figure 30. Flash Memory Arrangement . . . . . . . . . . . . . . . . . . . . . . 139


Similar Part No. - Z8F3201VN020SC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F3201VN020SC ZILOG-Z8F3201VN020SC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
More results

Similar Description - Z8F3201VN020SC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
logo
Microchip Technology
PIC18F2221 MICROCHIP-PIC18F2221_1 Datasheet
6Mb / 402P
   Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
logo
KODENSHI_AUK CORP.
KKA84C641 KODENSHI-KKA84C641 Datasheet
174Kb / 3P
   Z8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
Zilog, Inc.
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
logo
Microchip Technology
PIC18F452-IPT MICROCHIP-PIC18F452-IPT Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
logo
Microchip Technology
PIC18F242-I-SO MICROCHIP-PIC18F242-I-SO Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F442-I MICROCHIP-PIC18F442-I Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
logo
National Semiconductor ...
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Microchip Technology
PIC18F452 MICROCHIP-PIC18F452 Datasheet
5Mb / 332P
   High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com