Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1117-18VC-TR Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL1117-18VC-TR
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1117-18VC-TR Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL1117-18VC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1117-18VC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1117-18VC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1117-18VC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL1117-18VC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APL1117-18VC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APL1117-18VC-TR Datasheet HTML 12Page - Anpec Electronics Coropration APL1117-18VC-TR Datasheet HTML 13Page - Anpec Electronics Coropration APL1117-18VC-TR Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Jun., 2003
APL1117
www.anpec.com.tw
10
Output Capacitor (Cont.)
Application Information (Cont.)
Aluminum electrolytics can also be used, as long as
the ESR of the capacitor is <1
Ω. The value of the
output capacitor can be increased without limit. Higher
capacitance values help to improve transient response
and ripple rejection and reduce output noise.
The curves for Ripple Rejection were generated us-
ing an adjustable device with the adjust pin bypassed.
With a 22
µF bypassing capacitor 75dB ripple rejec-
tion is obtainable at any output level. The impedance
of the adjust pin capacitor, at the ripple frequency,
should be < R1. R1 is normally in the range of 100
Ω-
200
Ω. The size of the required adjust pin capacitor
is a function of the input ripple frequency. At 120Hz,
with R1=100
Ω, the adjust pin capacitor should be
13
µF. For fixed voltage devices, and adjustable de-
vices without an adjust pin capacitor, the output ripple
will increase as the ratio of the output voltage to the
reference voltage (VOUT /VREF ).
Ripple Rejection
Thermal Considerations
APL1117 has thermal protection which limits junction
temperature to 150°C. However, device functionality
is only guaranteed to a maximum junction tempera-
ture of +125°C.
Both the TO-220, TO-252, TO-263 and SOT-223
packages use a copper plane on the PCB and the
PCB itself as a heatsink. To optimize the heat sinking
ability of the plane and PCB, solder the tab of the
package to the plane.
Figure 3&4 shows for the TO-252 and SOT-223 the
measured values of
θ(J-A) for different copper area
sizes using a 2 layers, 1.6mm, and 6Sq. cm FR-4
PCB with 2oz. copper and a ground plane layer on
the backside area used for heatsinking. It can be
used as a rough guideline in estimating thermal
resistance.
25
30
35
40
45
50
0
246
8
10
12
14
TA=25°C
Top Copper Area (cm2)
Figure 3.
θ(J-A) vs. copper area for the SOT-252 package


Similar Part No. - APL1117-18VC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TRG ANPEC-APL111712FC-TRG Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TRL ANPEC-APL111712FC-TRL Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TUG ANPEC-APL111712FC-TUG Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TUL ANPEC-APL111712FC-TUL Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results

Similar Description - APL1117-18VC-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
   1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com