Electronic Components Datasheet Search |
|
ISPLSI2032-110LT48I Datasheet(PDF) 2 Page - Lattice Semiconductor |
|
ISPLSI2032-110LT48I Datasheet(HTML) 2 Page - Lattice Semiconductor |
2 / 15 page Specifications ispLSI 2032/A 2 Functional Block Diagram Figure 1. ispLSI 2032/A Functional Block Diagram Global Routing Pool (GRP) A0 A1 A3 A7 A6 A5 A4 A2 GOE 0 Notes: *Y1 and RESET are multiplexed on the same pin I/O 0 I/O 1 I/O 2 I/O 3 I/O 6 I/O 7 I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15 I/O 31 I/O 30 I/O 29 I/O 28 I/O 27 I/O 26 I/O 25 I/O 24 I/O 23 I/O 22 I/O 21 I/O 20 I/O 19 I/O 18 I/O 17 I/O 16 SDI/IN 0 SDO/IN 1 I/O 4 I/O 5 Y0 *Y1/ RESET SCLK/Y2 ispEN MODE 0139B(1)isp/2000 The devices also have 32 I/O cells, each of which is directly connected to an I/O pin. Each I/O cell can be individually programmed to be a combinatorial input, output or bi-directional I/O pin with 3-state control. The signal levels are TTL compatible voltages and the output drivers can source 4 mA or sink 8 mA. Each output can be programmed independently for fast or slow output slew rate to minimize overall output switching noise. Eight GLBs, 32 I/O cells, two dedicated inputs and two ORPs are connected together to make a Megablock (Figure 1). The outputs of the eight GLBs are connected to a set of 32 universal I/O cells by the ORP. Each ispLSI 2032 and 2032A device contains one Megablock. The GRP has as its inputs, the outputs from all of the GLBs and all of the inputs from the bi-directional I/O cells. All of these signals are made available to the inputs of the GLBs. Delays through the GRP have been equalized to minimize timing skew. Clocks in the ispLSI 2032 and 2032A devices are se- lected using the dedicated clock pins. Three dedicated clock pins (Y0, Y1, Y2) or an asynchronous clock can be selected on a GLB basis. The asynchronous or Product Term clock can be generated in any GLB for its own clock. |
Similar Part No. - ISPLSI2032-110LT48I |
|
Similar Description - ISPLSI2032-110LT48I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |