Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTB123YS Datasheet(PDF) 1 Page - Rohm

Part # DTB123YS
Description  Digital transistors (built-in resistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB123YS Datasheet(HTML) 1 Page - Rohm

  DTB123YS Datasheet HTML 1Page - Rohm DTB123YS Datasheet HTML 2Page - Rohm DTB123YS Datasheet HTML 3Page - Rohm DTB123YS Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DTB123YU / DTB123YK / DTB123YS
Transistors
Rev.C
1/3
Digital transistors (built-in resistor)
DTB123YU / DTB123YK / DTB123YS
Features
1) Built-in bias resistors enable the
configuration of an inverter circuit
without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin-
film resistors with complete isola-
tion to allow positive biasing of the
input. They also have the advan-
tage of almost completely eliminat-
ing parasitic effects.
3) Only the on / off conditions need to
be set for operation, making device
design easy.
Structure
PNP digital transistor
(Built-in resistor type)
Equivalent circuit
R1
R1
=2.2kΩ
R2
=10kΩ
R2
IN
GND(
+)
OUT
IN
GND(
+)
OUT
External dimensions (Unit : mm)
±
±
±
±
±
Each lead ha same dimensions
DTB123YU
1.25
2.1
0.1Min.
0~0.1
1.1
0.8 0.1
0.15
0.4
2.9 0.2
1.9 0.2
0.95 0.95
0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
(1) GND
(2) IN
(3) OUT
(1) GND
(2) IN
(3) OUT
(1) GND
(2) OUT
(3) IN
ROHM : SMT3
EIAJ : SC-59
ROHM : UMT3
EIAJ : SC-70
Abbreviated symbol : F52
Abbreviated symbol : F52
DTB123YK
ROHM : SPT
EIAJ : SC-72
DTB123YS
4 0.2
2 0.2
0.45
0.5
0.45
5
(1) (2) (3)
−0.05
+0.15
+0.15
−0.05
2.5 +0.4
−0.1
All terminals have same dimensions


Similar Part No. - DTB123YS

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123YS ROHM-DTB123YS Datasheet
65Kb / 3P
   Digital transistors (built-in resistors)
More results

Similar Description - DTB123YS

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
   Digital transistors (built in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com