Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3520 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B3520
Description  N-CHANNEL DMOS FET SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B3520 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B3520 Datasheet HTML 1Page - List of Unclassifed Manufacturers B3520 Datasheet HTML 2Page - List of Unclassifed Manufacturers B3520 Datasheet HTML 3Page - List of Unclassifed Manufacturers B3520 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B3520
Advance Information- These data sheets contain descriptions of products that are in development. The specifications are based on the engineering calculations,
computer simulations and/ or initial prototype evaluation.
Preliminary Information- These data sheets contain minimum and maximum specifications that are based on the initial device characterizations. These limits are
subject to change upon the completion of the full characterization over the specified temperature and supply voltage ranges.
The application circuit examples are only to explain the representative applications of the devices and are not intended to guarantee any circuit
design or permit any industrial property right to other rights to execute. Bay Linear takes no responsibility for any problems related to any
industrial property right resulting from the use of the contents shown in the data book. Typical parameters can and do vary in different
applications. Customer’s technical experts must validate all operating parameters including “ Typical” for each customer application.
LIFE SUPPORT AND NUCLEAR POLICY
Bay Linear products are not authorized for and should not be used within life support systems which are intended for surgical
implants into the body to support or sustain life, in aircraft, space equipment, submarine, or nuclear facility applications without
the specific written consent of Bay Linear President.
Absolute Maximum Ratings, Tc = +25°C
Notes:
1.
Operation in excess of any one of these conditions may result in
permanent damage to the device
2.
T
C = +25°C, where TC is defined to be the temperature at the
package pins where contact is made to the circuit board.
ESD WARNING: Handling Precautions Should Be Taken To Avoid Static Discharge.
300
mW
Power dissipation Tc=25
3
mW/C
Linear Derating Factor
-0.3 / +20
V
Gate-Drain Voltage
50
mA
Continuous Drain Current
+15
V
Drain-Source Voltage
-0.3 / +20
V
Gate-Source Voltage
-55 to +125
°C
Storage Temperature
-55 to +125
°C
Junction Temperature
SOT-143
Absolute Maximum[1]
Unit
Parameter
300
mW
Power dissipation Tc=25
3
mW/C
Linear Derating Factor
-0.3 / +20
V
Gate-Drain Voltage
50
mA
Continuous Drain Current
+15
V
Drain-Source Voltage
-0.3 / +20
V
Gate-Source Voltage
-55 to +125
°C
Storage Temperature
-55 to +125
°C
Junction Temperature
SOT-143
Absolute Maximum[1]
Unit
Parameter


Similar Part No. - B3520

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3520 EPCOS-B3520 Datasheet
63Kb / 6P
   Low Loss Filter for Automotive Telematics
B3520 EPCOS-B3520 Datasheet
59Kb / 8P
   SAW Components
B3520 EPCOS-B3520_1 Datasheet
59Kb / 8P
   SAW Components
More results

Similar Description - B3520

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
logo
Supertex, Inc
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
476Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
logo
Supertex, Inc
LND250 SUTEX-LND250_14 Datasheet
436Kb / 3P
   N-Channel Depletion-Mode DMOS FET
LND150N3-G SUTEX-LND150N3-G Datasheet
655Kb / 8P
   N-Channel Depletion-Mode DMOS FET
LND150K1-G SUTEX-LND150K1-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150 SUTEX-LND150_14 Datasheet
602Kb / 7P
   N-Channel Depletion-Mode DMOS FET
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com