Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW503 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FW503
Description  DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW503 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FW503 Datasheet HTML 1Page - Sanyo Semicon Device FW503 Datasheet HTML 2Page - Sanyo Semicon Device FW503 Datasheet HTML 3Page - Sanyo Semicon Device FW503 Datasheet HTML 4Page - Sanyo Semicon Device FW503 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FW503
No.7312-4/5
--2
--4
--6
--8
--10
[SBD]
[SBD]
[SBD]
[SBD]
02468
10
13579
VGS -- Qg
Total Gate Charge, Qg -- nC
IT05286
[MOSFET]
VDD= --10V
ID= --3A
0
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
180
°
360
°
(2) (4)
(3)
θ
360
°
Rectangular wave
Sine wave
(1)
1.0
10
2
2
3
100
1.0
10
2
3
5
7
2
3
5
7
35
7
2
Reverse Voltage, VR -- V
C -- VR
f=1MHz
0
100
10
1.0
0.1
0.01
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
15
510
Reverse Voltage, VR -- V
IR -- VR
0
0
0.2
0.4
0.6
0.8
0.8
0.7
0.6
0.4
0.3
0.2
0.1
0.5
1.0
1.2
1.4
Average Forward Current, IO -- A
PF(AV) -- IO
Forward Voltage, VF -- V
IF -- VF
Ta=125
°C
25°C
50°C
75°C
100°C
IT02957
IT02958
IT02959
IT02960
--0.01
2
--0.1
3
5
7
--1.0
2
3
5
7
--10
2
3
5
7
2
3
A S O
Drain-to-Source Voltage, VDS -- V
IT05287
[MOSFET]
--0.01
23
5 7 --0.1
23
5 7 --1.0
23
5 7 --10
23
Ta=25
°C
Single pulse
Mounted on a ceramic board (2000mm2!0.8mm)
≤10S 1unit
ID= --3A
IDP= --12A
100ms
100
µ
s
10s
10ms
1ms
<10
µs
Operation in
this area is
limited by RDS(on).
020
40
0
0.5
1.0
1.5
2.0
2.5
60
80
100
120
140
160
Ambient Temperature, Ta --
°C
PD -- Ta
IT05288
Mounted
on
a ceramic
board
(2000mm
2!
0.8mm)
≤10S
1unit
[MOSFET]
0
0.1
0.01
0.3
0.4
0.5
0.1
0.2
1.0
2
7
5
3
2
7
5
3
2


Similar Part No. - FW503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW50 ETC1-FW50 Datasheet
57Kb / 1P
   50 Watt AC Adapter
FW5012-760-NC ETC1-FW5012-760-NC Datasheet
57Kb / 1P
   50 Watt AC Adapter
FW5018-760-NC ETC1-FW5018-760-NC Datasheet
57Kb / 1P
   50 Watt AC Adapter
FW5024-760-NC ETC1-FW5024-760-NC Datasheet
57Kb / 1P
   50 Watt AC Adapter
logo
Sanyo Semicon Device
FW507 SANYO-FW507 Datasheet
50Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results

Similar Description - FW503

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com