Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62358P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62358P
Description  8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62358P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62358P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62358P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(
/ 6 )
ELECTRIC
MITSUBISHI
M62358P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
2
EXPLANATION OF TERMINALS
Pin No.
Symbol
Function
3
20
2
1
21
13
10
12
11
22
14
15
16
17
DI
DO
CLK
LD
Ao1
Ao2
Ao3
Ao4
Ao5
Ao6
Vcc
GND
VDD
Serial data input terminal
Serial data output terminal
Serial clock input terminal
LD terminal input high level than latch circuit data load *1
Reset terminal
Digital power supply terminal
D-A converter low level reference voltage input terminal
V
ABSOLUTE MAXIMUM RATINGS(Ta=25°C, unless otherwise noted)
Symbol
Ratings
Unit
Supply voltage
-0.3~13.5
VrefU
Input voltage
Parameter
Conditions
VCC
-0.3~VDD+0.3
IAO
Topr
Buffer amplifier output current range
Operating temperature
Tstg
Storage temperature
D-A converter high level reference voltage
Output current
-5~+5
mA
V
V
ELECTRICAL CHARACTERISTICS
Digital part(Vcc=13V,VDD=VrefU=5V, Ta=25°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
V
4.5
Supply voltage
5.5
0.4
Output low voltage
VDD-0.4
0.8VDD
0.2VDD
1
V
IDD
Circuit current
°C
°C
VDD
-20~+85
-40~+125
VIL
VIH
VOL
VOH
mA
V
V
V
Input low voltage
Input high voltage
Output high voltage
CLK=1MHz in action
IOL=1.0mA
IOH=-400µA
18
19
4
5
8-bit D-A converter output terminal
VrefU
VrefL
R
Ao7
Ao8
Digital and Analog common GND
D-A converter high level reference voltage input terminal
RECOMMENDED OPERATING CONDITIONS
•Digital supply voltage VDD 5V±10%
•Analog supply voltage Vcc VDD~13V
mA
VDD
IDO
VDD
Ao9
Ao10
6
7
8
9
Ao11
Ao12
*1 When the LD terminal is "H" input data has load.
Supply voltage
VIN
-0.3~7
V
-5~+5
Analog power supply terminal


Similar Part No. - M62358P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62358P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com