Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1367C-225BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1367C-225BZC
Description  9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1367C-225BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1367C-225BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1367C-225BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1367C-225BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1367C-225BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1367C-225BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1367C-225BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1367C-225BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1367C-225BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1367C-225BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PRELIMINARY
CY7C1366C
CY7C1367C
Document #: 38-05542 Rev. *A
Page 8 of 27
automatically three-stated whenever a write cycle is detected,
regardless of the state of OE.
Burst Sequences
The CY7C1366C/CY7C1367C provides a two-bit wraparound
counter, fed by A[1:0], that implements either an interleaved or
linear burst sequence. The interleaved burst sequence is
designed specifically to support Intel® Pentium applications.
The linear burst sequence is designed to support processors
that follow a linear burst sequence. The burst sequence is user
selectable through the MODE input. Both read and write burst
operations are supported.
Asserting ADV LOW at clock rise will automatically increment
the burst counter to the next address in the burst sequence.
Both read and write burst operations are supported.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CEs, ADSP, and ADSC must remain
inactive for the duration of tZZREC after the ZZ input returns
LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
Partial Truth Table for Read/Write[5, 10]
Function (CY7C1366C)
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
XXXX
Read
H
L
HHHH
Write Byte A – (DQA and DQPA)
H
L
HHH
L
Write Byte B – (DQB and DQPB)H
L
H
H
L
H
Write Bytes B, A
H
L
H
H
L
L
Write Byte C – (DQC and DQPC)
H
LH
LH
H
Write Bytes C, A
H
L
H
L
H
L
Write Bytes C, B
H
L
H
L
L
H
Write Bytes C, B, A
H
L
H
L
L
L
Write Byte D – (DQD and DQPD)
H
L
L
HHH
Write Bytes D, A
H
L
L
H
H
L
Write Bytes D, B
H
L
L
H
L
H
Write Bytes D, B, A
H
L
L
H
L
L
Write Bytes D, C
H
L
L
L
H
H
Write Bytes D, C, A
H
L
L
L
H
L
Write Bytes D, C, B
H
LLLL
H
Write All Bytes
H
LLLLL
Write All Bytes
L
XXXXX
Truth Table for Read/Write[5, 10]
Function (CY7C1367C)
GW
BWE
BWB
BWA
Read
H
H
X
X
Read
H
L
H
H
Write Byte A – (DQA and DQPA)H
L
H
L
Write Byte B – (DQB and DQPB)H
L
L
H
Write All Bytes
H
L
L
L
Write All Bytes
L
X
X
X


Similar Part No. - CY7C1367C-225BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1367C-200AXC CYPRESS-CY7C1367C-200AXC Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1367C-200AXI CYPRESS-CY7C1367C-200AXI Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1367C-200BGC CYPRESS-CY7C1367C-200BGC Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1367C-200BGI CYPRESS-CY7C1367C-200BGI Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1367C-200BGXC CYPRESS-CY7C1367C-200BGXC Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1367C-225BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com