Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7295AE Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT7295AE
Description  DS3/Sonet STS-1 Integrated Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7295AE Datasheet(HTML) 3 Page - Exar Corporation

  XRT7295AE Datasheet HTML 1Page - Exar Corporation XRT7295AE Datasheet HTML 2Page - Exar Corporation XRT7295AE Datasheet HTML 3Page - Exar Corporation XRT7295AE Datasheet HTML 4Page - Exar Corporation XRT7295AE Datasheet HTML 5Page - Exar Corporation XRT7295AE Datasheet HTML 6Page - Exar Corporation XRT7295AE Datasheet HTML 7Page - Exar Corporation XRT7295AE Datasheet HTML 8Page - Exar Corporation XRT7295AE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
XRT7295AE
3
Rev.1.20
PIN CONFIGURATION
VDDA
LOSTHR
REQB
ICT
GNDA
RIN
TMC1
LPF1
RPDATA
RNDATA
RCLK
EXCLK
LPF2
TMC2
RLOS
RLOL
VDDC
GNDD
VDDD
GNDC
20 Lead SOJ (Jedec, 0.300”)
20
1
11
10
2
3
4
5
6
7
15
14
13
12
17
16
8
9
19
18
PIN DESCRIPTION
Pin #
Symbol
Type
Description
1
GNDA
Analog Ground.
2
RIN
I
Receive Input.
Analog receive input. This pin is internally biased at about 1.5V in series
with 50 kW.
3,6
TMC1-TMC2
I
Test Mode Control 1 and 2
. Internal test modes are enabled within the device by using
TMC1 and TMC2. Users must tie these pins to the ground plane.
4,5
LPF1-LPF2
I
PLL Filter 1 and 2
. An external capacitor (0.1mF ±20%) is connected between these pins.
7
RLOS
O
Receive Loss-of-signal.
This pin is set high on loss of the data signal at the receive input.
(See Table 6)
8
RLOL
O
Receive PLL Loss-of-lock.
This pin is set high on loss of PLL frequency lock.
9
GNDD
Digital Ground for PLL Clock
. Ground lead for all circuitry running synchronously with
PLL clock.
10
GNDC
Digital Ground for EXCLK
. Ground lead for all circuitry running synchronously with
EXCLK.
11
VDDD
5V Digital Supply (±10%) for PLL Clock. Power for all circuitry running synchronously
with PLL clock.
12
VDDC
5V Digital Supply (±10%) for EXCLK. Power for all circuitry running synchronously with
EXCLK.
13
EXCLK
I
External Reference Clock
. A valid DS3 (44.736MHz ±100ppm) or STS-1 (51.84MHz +
100ppm) clock must be provided at this input. The duty cycle of EXCLK, referenced to VDD
/2 levels, must be within 40% - 60% with a minimum rise and fall time (10% to 90%) of 5ns.
14
RCLK
O
Receive Clock
. Recovered clock signal to the terminal equipment.
15
RNDATA
O
Receive Negative Data
. Negative pulse data output to the terminal equipment. (See
Figure 11.
)
16
RPDATA
O
Receive Positive Data
. Positive pulse data output to the terminal equipment. (See
Figure 11
)
17
ICT
I
In-circuit Test Control (Active-low)
. If ICT is forced low, all digital output pins (RCLK,
RPDATA, RNDATA, RLOS, RLOL) are placed in a high-impedance state to allow for in-cir-
cuit testing. There is an internal pull-up on this pin.
18
REQB
I
Receive Equalization Bypass
. A high on this pin bypasses the internal equalizer. A low
places the equalizer in the data path.
19
LOSTHR
I
Loss-of-signal Threshold Control
. The voltage forced on this pin controls the input loss-
of-signal threshold. Three settings are provided by forcing GND, VDD/2, or VDD. This pin
must be set to the desired level upon power-up and should not be changed during opera-
tion.
20
VDDA
5V Analog Supply (±10%).


Similar Part No. - XRT7295AE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AE EXAR-XRT7295AE Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
XRT7295AEIW EXAR-XRT7295AEIW Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
XRT7295AE EXAR-XRT7295AE_03 Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
More results

Similar Description - XRT7295AE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
   DS3 SONET STS1 Integrated Line Receiver
logo
Asahi Kasei Microsystem...
AK2500B AKM-AK2500B Datasheet
78Kb / 17P
   DS3/STS-1 Analog Line Receiver
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
   DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
   XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com