Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7295AE Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT7295AE
Description  DS3/Sonet STS-1 Integrated Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7295AE Datasheet(HTML) 4 Page - Exar Corporation

  XRT7295AE Datasheet HTML 1Page - Exar Corporation XRT7295AE Datasheet HTML 2Page - Exar Corporation XRT7295AE Datasheet HTML 3Page - Exar Corporation XRT7295AE Datasheet HTML 4Page - Exar Corporation XRT7295AE Datasheet HTML 5Page - Exar Corporation XRT7295AE Datasheet HTML 6Page - Exar Corporation XRT7295AE Datasheet HTML 7Page - Exar Corporation XRT7295AE Datasheet HTML 8Page - Exar Corporation XRT7295AE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
XRT7295AE
4
Rev.1.20
ELECTRICAL CHARACTERISTICS
Test Conditions: TA = -40°C to +85°C, VDD = 5V + 10%
Typical Values are for VDD = 5.0 V, 25°C, and Random Data. Maximum Values are for VDD = 5.5V all 1s Data.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
Electrical Characteristics
IDD
Power Supply Current
DS3
82
79
106
103
mA
mA
REQB=0
REQB=1
STS--1
87
83
111
108
mA
mA
REQB=0
REQB=1
Logic Interface Characteristics
Input Voltage
VIL
Low
GNDD
0.5
V
VIH
High
VDDD-0.5
VDDD
V
Output Voltage
VOL
Low
GNDD
0.4
V
-5.0mA
VOH
High
VDDD-0.5
VDDD
V
5.0mA
CI
Input Capacitance
10
pF
CL
Load Capacitance
10
pF
IL
Input Leakage
-10
10
mA
-0.5 to VDD + 0.5V
(all input pins except 2, 3, 4, 5, 6,
17, 18, & 19)
20
500
mA
0 V (pin 17)
10
100
mA
VDD (pin 2)
-50
-5
mA
GNDD (pin 2)
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Power Supply
-0.5V to +6.5V
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
-40°C to +125°C
. . . . . . . . . . . .
Power Dissipation
700 mW
. . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - XRT7295AE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AE EXAR-XRT7295AE Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
XRT7295AEIW EXAR-XRT7295AEIW Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
XRT7295AE EXAR-XRT7295AE_03 Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
More results

Similar Description - XRT7295AE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
   DS3 SONET STS1 Integrated Line Receiver
logo
Asahi Kasei Microsystem...
AK2500B AKM-AK2500B Datasheet
78Kb / 17P
   DS3/STS-1 Analog Line Receiver
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
   DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
   XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com