Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7295AE Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT7295AE
Description  DS3/Sonet STS-1 Integrated Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7295AE Datasheet(HTML) 1 Page - Exar Corporation

  XRT7295AE Datasheet HTML 1Page - Exar Corporation XRT7295AE Datasheet HTML 2Page - Exar Corporation XRT7295AE Datasheet HTML 3Page - Exar Corporation XRT7295AE Datasheet HTML 4Page - Exar Corporation XRT7295AE Datasheet HTML 5Page - Exar Corporation XRT7295AE Datasheet HTML 6Page - Exar Corporation XRT7295AE Datasheet HTML 7Page - Exar Corporation XRT7295AE Datasheet HTML 8Page - Exar Corporation XRT7295AE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
XRT7295AE
DS3/Sonet STS-1
Integrated Line Receiver
Rev. 1.20
E
2000
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 z (510) 668-7000 z FAX (510) 668-7017
December 2000-2
FEATURES
D
Fully Integrated Receive Interface for DS3 and
STS-1 Rate Signals
D
Integrated Equalization (Optional) and Timing
Recovery
D
Loss-of-Signal and Loss-of-Lock Alarms
D
Variable Input Sensitivity Control
D
5V Power Supply
D
Pin Compatible with XRT7295AT
D
Companion Device to T7296 Transmitter
APPLICATIONS
D
Interface to DS-3 Networks
D
Digital Cross-Connect Systems
D
CSU/DSU Equipment
D
PCM Test Equipment
D
Fiber Optic Terminals
GENERAL DESCRIPTION
The XRT7295AE DS3/SONET STS-1 integrated line
receiver is a fully integrated receive interface that
terminates a bipolar DS3 (44.736Mbps) or Sonet STS-1
(51.84Mbps) signal transmitted over coaxial cable. (See
Figure 13
).
The device also provides the functions of receive
equalization (optional), automatic-gain control (AGC),
clock-recovery and data retiming, loss-of-signal and
loss-of-frequency-lock detection.
The digital system
interface is dual-rail, with received positive and negative
1s appearing as unipolar digital signals on separate
output leads. The on-chip equalizer is designed for cable
distances of 0 to 450ft. from the cross-connect frame to
the device. The receive input has a variable input
sensitivity control, providing three different sensitivity
settings, to adapt longer cables. High input sensitivity
allows for significant amounts of flat loss within the
system. Figure 1 shows the block diagram of the device.
The XRT7295AE device is manufactured using linear
CMOS technology. The XRT7295AE is available in a
20-pin plastic SOJ package for surface mounting.
Two versions of the chip are available, one is for either
DS3 or STS-1 operation (the XRT7295AE, this data
sheet), and the other is for E3 operation (the XRT7295AT,
refer to the XRT7295AT data sheet). Both versions are
pin compatible.
For either DS3 or STS-1, an input reference clock at
44.736MHz or 51.84MHz provides the frequency
reference for the device.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
XRT7295AEIW
20 Lead 300 Mil JEDEC SOJ
-40°C to + 85°C


Similar Part No. - XRT7295AE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AE EXAR-XRT7295AE Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
XRT7295AEIW EXAR-XRT7295AEIW Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
XRT7295AE EXAR-XRT7295AE_03 Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
More results

Similar Description - XRT7295AE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
   DS3 SONET STS1 Integrated Line Receiver
logo
Asahi Kasei Microsystem...
AK2500B AKM-AK2500B Datasheet
78Kb / 17P
   DS3/STS-1 Analog Line Receiver
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
   DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
   XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com