Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP-S1.0 Datasheet(PDF) 11 Page - Rohm

Part # ICP-S1.0
Description  Overcurrent Protection Elements
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ICP-S1.0 Datasheet(HTML) 11 Page - Rohm

Back Button ICP-S1.0 Datasheet HTML 6Page - Rohm ICP-S1.0 Datasheet HTML 7Page - Rohm ICP-S1.0 Datasheet HTML 8Page - Rohm ICP-S1.0 Datasheet HTML 9Page - Rohm ICP-S1.0 Datasheet HTML 10Page - Rohm ICP-S1.0 Datasheet HTML 11Page - Rohm ICP-S1.0 Datasheet HTML 12Page - Rohm ICP-S1.0 Datasheet HTML 13Page - Rohm ICP-S1.0 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ICP-S Technical Manual
Overcurrent Protection Elements
Rev.A
11/13
8. Application Circuit Example
8-1 Recommended Flow Soldering Conditions
8-2 Recommended Reflow Soldering Conditions
8-3 Recommended Copper Pattern on PCB
25
50
100
100
°C
(
°C)
Preheating
Soldering
Manual soldering conditions
Soldering iron temperature: 350
°C max.
Soldering time: 3 seconds max.
Natural cooling
120
°C
2 minutes min.
5 minutes min.
1 minute min.
10 seconds min.
230
°C
260
°C
150
200
250
300
0
50
100
(
°C)
Preheating
speed
A peak temperature of at least 230
°C is recommended. If the peak temperature is less than 230°C, it is recommended to
make some adjustments, such as the retention of the peak temperature and soldering time longer and an increase in the thickness
of solder paste.
1 to 5
°C / sec
Preheating
120 to 160
°C,
50 to 120 sec
Peak temperature
230 to 260
°C, 10sec Max.
Cooling
60sec Min.
∗ Number of reflow times: 2 TIMES Max.
Reflow soldering
(High-temperature
retention time)
200
°C,
30 to 60 sec
Reflow heating temperature
1 to 5
°C / sec
150
200
250
1.6 to 2.0
4.0 to 5.0


Similar Part No. - ICP-S1.0

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP-S1.0 ROHM-ICP-S1.0 Datasheet
87Kb / 6P
   Circuit protection elements
ICP-S1.0 ROHM-ICP-S1.0 Datasheet
98Kb / 6P
   Circuit protection elements
ICP-S1.0 ROHM-ICP-S1.0 Datasheet
109Kb / 6P
   Circuit protection elements
More results

Similar Description - ICP-S1.0

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP-S2.3TN ROHM-ICP-S2.3TN Datasheet
98Kb / 6P
   Circuit protection elements
ICP-N15T104 ROHM-ICP-N15T104 Datasheet
98Kb / 6P
   Circuit protection elements
ICP-N10T104 ROHM-ICP-N10T104 Datasheet
109Kb / 6P
   Circuit protection elements
ICP-N50T104 ROHM-ICP-N50T104 Datasheet
98Kb / 6P
   Circuit protection elements
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
87Kb / 6P
   Circuit protection elements
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
   Overcurrent Protection
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
   Overcurrent protection
November 2010 Rev 1
logo
Tyco Electronics
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
   Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com