Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3977A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC3977A
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3977A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC3977A Datasheet HTML 1Page - Panasonic Semiconductor 2SC3977A Datasheet HTML 2Page - Panasonic Semiconductor 2SC3977A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SC3977, 2SC3977A
Area of safe operation, reverse bias ASO
Reverse bias ASO measuring circuit
Rth(t) —t
10–4
10
10–3
10–1
10–2
1103
102
104
0.1
1
10
100
10000
1000
Note: R
th was measured at Ta=25˚C and under natural convection.
(1) P
T=10V × 0.2A (2W) and without heat sink
(2) P
T=10V × 1.0A (10W) and with a 100 × 100 × 2mm Al heat sink
(1)
(2)
Time t (s)
0
1600
400
1200
800
1400
200
1000
600
0
1.6
1.2
0.4
1.0
1.4
0.8
0.2
0.6
I
C
L
coil=100µH
I
C/IB=5
(I
B1=–IB2)
T
C=25˚C
Collector to emitter voltage V
CE
(V)
L coil
I
C
I
B1
V
in
t
W
–I
B2
Vclamp
V
CC
T.U.T


Similar Part No. - 2SC3977A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
logo
Savantic, Inc.
2SC3970 SAVANTIC-2SC3970 Datasheet
134Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3970 JMNIC-2SC3970 Datasheet
186Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3970 ISC-2SC3970 Datasheet
157Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3970 SAVANTIC-2SC3970 Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC3977A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5034 PANASONIC-2SC5034 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3795 PANASONIC-2SC3795 Datasheet
63Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3973 PANASONIC-2SC3973 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3975 PANASONIC-2SC3975 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4152 PANASONIC-2SC4152 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4985 PANASONIC-2SC4985 Datasheet
40Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5063 PANASONIC-2SC5063 Datasheet
62Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5393 PANASONIC-2SC5393 Datasheet
34Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3743 PANASONIC-2SC3743 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com