Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMC-PAB9-TX9H5 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # ASMC-PAB9-TX9H5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ASMC-PAB9-TX9H5 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  ASMC-PAB9-TX9H5 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ASMC-PAB9-TX9H5 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ASMC-PAB9-TX9H5 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ASMC-PAB9-TX9H5 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ASMC-PAB9-TX9H5 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ASMC-PAB9-TX9H5 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ASMC-PAB9-TX9H5 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ASMC-PAB9-TX9H5 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ASMC-PAB9-TX9H5 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Figure 10. Tape dimensions.
Figure 11. Reeling orientation.
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
4
± 0.1
2
± 0.05
B
B
5.5
± 0.05
A
A
12 +0.3/-0.1
∅1.5 +0.1/-0
3.6
± 0.1
3.8
± 0.1
0.229
± 0.01
CA
CC
VIEW B-B
VIEW A-A
3.45
± 0.1
8
± 0.1
∅1 +0.1/-0
ALL DIMENSIONS ARE IN MILLIMEERS (mm).
1.75
± 0.1


Similar Part No. - ASMC-PAB9-TX9H5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PAB9-TXXX5 AVAGO-ASMC-PAB9-TXXX5 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PAB9-TX9H5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com