Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMC-PHB9-TV0J5 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # ASMC-PHB9-TV0J5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ASMC-PHB9-TV0J5 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  ASMC-PHB9-TV0J5 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0J5 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0J5 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0J5 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0J5 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0J5 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0J5 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0J5 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0J5 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ASMC-PxB9-Txxxx
Envisium Power PLCC-4
Surface Mount LED
Data Sheet
Features
• Industry standard PLCC-4 (Plastic
Leaded Chip Carrier)
• High reliability LED package
• Mid-Power intensity brightness with
optimum flux performance using TS
AlInGaP dice technologies
• Available in Red, Red Orange and
Amber colors
• High optical efficiency
• Higher ambient temperature at the
same current possible compared to
PLCC-2
• Super wide viewing angle at 120
°
• Available in 8 mm carrier tape on 7-
inch reel
• Compatible with both IR and TTW
soldering process
Applications
• Interior automotive
– Instrument panel backlighting
– Central console backlighting
– Navigation and audio system
– Push button backlighting
• Exterior automotive
– Turn signals
– Side repeaters
– CHMSL
– Rear combination lamp
– Puddle light
• Electronic signs and signals
– Channel lettering
– Contour lighting
– Indoor variable message sign
• Office automation, home appliances,
industrial equipment
– Front panel backlighting
– Push button backlighting
– Display backlighting
Envisium
Envisium is the premier class of
mid-Power LEDs from Agilent
and Lumileds utilizing the very
best solid-state lighting
technologies from these two
industry leaders. Envisium LEDs
offer unparalleled performance,
engineering and design flexibility.
For the very first time, customers
have options for mid-power LEDs.
Description
The Envisium Power PLCC-4 SMT
LED is an extension of Agilent’s
PLCC-4 SMT LEDs. The package
can be driven at high current due
to its superior package design.
The product is able to dissipate
the heat more efficiently
compared to the conventional
PLCC-2 SMT LEDs. These LEDs
produce higher light output with
better flux performance compared
to the conventional PLCC-4 SMT
LEDs.
The Envisium Power PLCC-4 SMT
LEDs are designed for higher
reliability, better performance,
and operate under a wide range of
environmental conditions. The
performance characteristics of
these new mid-power LEDs make
them uniquely suitable for use in
harsh conditions such as in
automotive applications, and in
electronics signs and signals.
To facilitate easy pick and place
assembly, the LEDs are packed in
EIA-compliant tape and reel.
Every reel is shipped in single
intensity and color bin (except for
red), to provide close uniformity.
These LEDs are compatible with
the IR solder reflow process. Due
to the high reliability feature of
these products, they also can be
mounted using through-the-wave
soldering process.
The Envisium Power PLCC-4 SMT
LED is available in 3 colors, red,
red-orange and amber.


Similar Part No. - ASMC-PHB9-TV0J5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PHB9-TW005 AVAGO-ASMC-PHB9-TW005 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PHB9-TW005 BOARDCOM-ASMC-PHB9-TW005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PHB9-TXXX5 AVAGO-ASMC-PHB9-TXXX5 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PHB9-TV0J5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com