Electronic Components Datasheet Search |
|
V24C15E24BN2 Datasheet(PDF) 5 Page - Vicor Corporation |
|
V24C15E24BN2 Datasheet(HTML) 5 Page - Vicor Corporation |
5 / 8 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 FasTrak Mini E-Grade Family Rev. 1.0 Page 5 of 8 Set your site on VICOR at www.vicorpower.com Output Voltage Programming The output voltage of the converter can be adjusted or programmed via fixed resistors, potentiometers or voltage DACs. See Figures 7 and 8. CONTROL FUNCTIONS - SC PIN Figure 8—Output voltage trim up circuit. Figure 7—Output voltage trim down circuit. RD (ohms) = 1,000 Vout Vnom - Vout RU Trim Up Load Error Amp 1k Ω 1.23V 0.033 μF +Out SC –Out Load RD Trim Down Error Amp 1k Ω 1.23V 0.033 μF +Out SC –Out Trim Down 1. This converter is not a constant power device – it has a constant current limit. Hence, available output power is reduced by the same percentage that output voltage is trimmed down. Do not exceed maximum rated output current. 2. The trim down resistor must be connected to the –Out pin. Trim Up 1. The converter is rated for a maximum delivered power. To ensure that maximum rated power is not exceeded, reduce maximum output current by the same percentage increase in output voltage. 2. The trim up resistor must be connected to the +Out pin. 3. Do not trim the converter above maximum trim range (typically +10%) or the output over voltage protection circuitry may be activated. RU (ohms) = 1,000 (Vout-1.23) Vnom –1,000 1.23 (Vout-Vnom) Trim resistor values calculated automatically: On-line calculators for trim resistor values are available on the vicor website at: vicorpower.com/tools.html. Resistor values can be calculated for fixed trim up, fixed trim down and for variable trim up or down cases for both 1st and 2nd Generation DC-DC converters. In addition to trimming information, the web site and the Applications Manual also include design tips, applications circuits, EMC suggestions, thermal design guidelines and PDF data sheets for all available Vicor products. |
Similar Part No. - V24C15E24BN2 |
|
Similar Description - V24C15E24BN2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |