Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300C15E24BN2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # V300C15E24BN2
Description  FasTrak Micro E-Grade Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C15E24BN2 Datasheet(HTML) 1 Page - Vicor Corporation

  V300C15E24BN2 Datasheet HTML 1Page - Vicor Corporation V300C15E24BN2 Datasheet HTML 2Page - Vicor Corporation V300C15E24BN2 Datasheet HTML 3Page - Vicor Corporation V300C15E24BN2 Datasheet HTML 4Page - Vicor Corporation V300C15E24BN2 Datasheet HTML 5Page - Vicor Corporation V300C15E24BN2 Datasheet HTML 6Page - Vicor Corporation V300C15E24BN2 Datasheet HTML 7Page - Vicor Corporation V300C15E24BN2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 1 of 8
Set your site on VICOR at www.vicorpower.com
45
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.24
°C/Watt
Baseplate to sink; thermal pad (P/N 20263)
0.21
°C/Watt
Baseplate to ambient
10.9
°C/Watt
Baseplate to ambient; 1000 LFM
2.8
°C/Watt
Thermal capacity
48
Watt-sec/°C
Thermal Resistance and Capacity
Data Sheet
FasTrak Micro E-Grade Family
DC-DC Converter Module
Features
• Input voltages: 24, 48, 300 & 375 V
• DC outputs: 3.3 V – 48 V
• Programmable output: 10 to 110%
• Regulation: ±0.5% no load to full load
• Efficiency: Up to 88%
• Max operating temp: 100°C, full load
• Power Density: Up to 90 W/cubic Inch
• Parallelable, with N+M fault tolerance
• Low noise ZCS/ZVS architecture
Product Overview
These DC-DC converter modules use
advanced power processing, control and
packaging technologies to provide the
performance, flexibility, reliability and
cost effectiveness of a mature power
component. High frequency ZCS/ZVS
switching provide high power density
with low noise and high efficiency.
Applications
Off-line systems with autoranging or
PFC front-ends, industrial and process
control, distributed power, medical, ATE,
communications, defense, aerospace
Part Numbering
e.g. V300C12E150BL2
For a description of pin options, see page 6.
Baseplate options include slotted flanges,
threaded and through-hole. See page 7
for dimensions. For other package sizes
and powerlevels, see the FasTrak Maxi
(full size) and FasTrak Micro (quarter
size) datasheets.
Parameter
Rating
Unit
Notes
+In to –In voltage
24 Vin
-0.5 to +36
Vdc
48 Vin
-0.5 to +75
Vdc
300 Vin
-0.5 to +375
Vdc
375 Vin
-0.5 to +425
Vdc
PC to –In voltage
-0.5 to +7.0
Vdc
PR to –In voltage
-0.5 to +7.0
Vdc
SC to –Out voltage
-0.5 to +1.5
Vdc
–Sense to –Out voltage
1.0
Vdc
Isolation voltage (in to out)
3000
Vrms
Isolation voltage (in to base)
1550
Vrms
Isolation voltage (out to base)
500
Vrms
Operating temperature
-10 to +100
°C
Storage temperature
-20 to +125
°C
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each, # 4-40 or M3
VC
E
B
Input Voltage
24: 18 – 36 Vin
48: 36 – 75 Vin
300: 180 – 375 Vin
375: 250 – 425 Vin
Output Voltage
3V3: 3.3V
5: 5 V
12: 12 V
15: 15 V
24: 24 V
28: 28 V
48: 48 V
Pin Style
Blank: Short
Tin/Lead
L: Long Tin/Lead
S:Short Gold
N: Long Gold
Output Power (Watts)
Input
3.3 Vout
5 Vout
>5 Vout
24 V
75
100
100
48 V
75
100
150
300 V
75
100
150
375 V
75
100
150
Baseplate
Blank: Slotted
1: Threaded
2: Through-hole
Shown actual size:
2.28 x 1.45 x 0.5 in
57,9 x 36,8 x 12,7 mm


Similar Part No. - V300C15E24BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C15E150BF2 VICOR-V300C15E150BF2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C15E150BG2 VICOR-V300C15E150BG2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C15E150BL2 VICOR-V300C15E150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C15E150BN2 VICOR-V300C15E150BN2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C15E150BS2 VICOR-V300C15E150BS2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
More results

Similar Description - V300C15E24BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com