Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDZ12B Datasheet(PDF) 2 Page - Rohm

Part # EDZ12B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EDZ12B Datasheet(HTML) 2 Page - Rohm

  EDZ12B Datasheet HTML 1Page - Rohm EDZ12B Datasheet HTML 2Page - Rohm EDZ12B Datasheet HTML 3Page - Rohm EDZ12B Datasheet HTML 4Page - Rohm EDZ12B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EDZ3.6B
Diodes
Rev.A
2/4
Electrical characteristics (Ta=25
°C)
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
EDZ
MIN.
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
3.6B
3.600
3.845
5.0
100
5.0
1000.0
1.0
10.0
1.0
3.9B
3.890
4.160
5.0
100
5.0
1000.0
1.0
5.0
1.0
4.3B
4.170
4.430
5.0
100
5.0
1000.0
1.0
5.0
1.0
4.7B
4.550
4.750
5.0
100
5.0
800.0
0.5
2.0
1.0
5.1B
4.980
5.200
5.0
80
5.0
500.0
0.5
2.0
1.5
5.6B
5.490
5.730
5.0
60
5.0
200.0
0.5
1.0
2.5
6.2B
6.060
6.330
5.0
60
5.0
100.0
0.5
1.0
3.0
6.8B
6.650
6.930
5.0
40
5.0
60.0
0.5
0.5
3.5
7.5B
7.280
7.600
5.0
30
5.0
60.0
0.5
0.5
4.0
8.2B
8.020
8.360
5.0
30
5.0
60.0
0.5
0.5
5.0
9.1B
8.850
9.230
5.0
30
5.0
60.0
0.5
0.5
6.0
10B
9.770
10.210
5.0
30
5.0
60.0
0.5
0.1
7.0
11B
10.760
11.220
5.0
30
5.0
60.0
0.5
0.1
8.0
12B
11.740
12.240
5.0
30
5.0
80.0
0.5
0.1
9.0
13B
12.910
13.490
5.0
37
5.0
80.0
0.5
0.1
10.0
15B
14.340
14.980
5.0
42
5.0
80.0
0.5
0.1
11.0
16B
15.850
16.510
5.0
50
5.0
80.0
0.5
0.1
12.0
18B
17.560
18.350
5.0
65
5.0
80.0
0.5
0.1
13.0
20B
19.520
20.390
5.0
85
5.0
100.0
0.5
0.1
15.0
22B
21.540
22.470
5.0
100
5.0
100.0
0.5
0.1
17.0
24B
23.720
24.780
5.0
120
5.0
120.0
0.5
0.1
19.0
27B
26.190
27.530
2.0
150
2.0
150.0
0.5
0.1
21.0
30B
29.190
30.690
2.0
200
2.0
200.0
0.5
0.1
23.0
33B
32.150
33.790
2.0
250
2.0
250.0
0.5
0.1
25.0
36B
35.070
36.870
2.0
300
2.0
300.0
0.5
0.1
27.0
Symbol
Zener voltage :Vz(V)
TYP.
Operating resistance :Zz(Ω)
Rising operating
resistance :Zz(Ω)
Reverse current :
IR(uA)
Type No.
TYPE
TYPE NO.
TYPE
TYPE NO.
EDZ 3.6B
62
EDZ 12B
25
EDZ 3.9B
72
EDZ 13B
35
EDZ 4.3B
82
EDZ 15B
45
EDZ 4.7B
92
EDZ 16B
55
EDZ 5.1B
A2
EDZ 18B
65
EDZ 5.6B
C2
EDZ 20B
75
EDZ 6.2B
E2
EDZ 22B
85
EDZ 6.8B
F2
EDZ 24B
95
EDZ 7.5B
H2
EDZ 27B
A5
EDZ 8.2B
J2
EDZ 30B
C5
EDZ 9.1B
L2
EDZ 33B
E5
EDZ 10B
05
EDZ 36B
F5
EDZ 11B
15
 


Similar Part No. - EDZ12B

ManufacturerPart #DatasheetDescription
logo
Rohm
EDZ12B ROHM-EDZ12B Datasheet
162Kb / 5P
   Zener diode
EDZ12B ROHM-EDZ12B Datasheet
124Kb / 5P
   Zener diode
EDZ12B ROHM-EDZ12B Datasheet
141Kb / 5P
   Zener diode
EDZ12B ROHM-EDZ12B Datasheet
1Mb / 3P
   Zener diode
EDZ12B ROHM-EDZ12B Datasheet
162Kb / 5P
   Zener diode
More results

Similar Description - EDZ12B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com