Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT22M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BRT22M
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT22M Datasheet(HTML) 1 Page - Vishay Siliconix

  BRT22M Datasheet HTML 1Page - Vishay Siliconix BRT22M Datasheet HTML 2Page - Vishay Siliconix BRT22M Datasheet HTML 3Page - Vishay Siliconix BRT22M Datasheet HTML 4Page - Vishay Siliconix BRT22M Datasheet HTML 5Page - Vishay Siliconix BRT22M Datasheet HTML 6Page - Vishay Siliconix BRT22M Datasheet HTML 7Page - Vishay Siliconix BRT22M Datasheet HTML 8Page - Vishay Siliconix BRT22M Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BRT21/ 22/ 23
Document Number 83690
Rev. 1.4, 10-Jan-05
Vishay Semiconductors
www.vishay.com
1
17223
1
2
3
6
5
4
MT2
MT1
A
C
NC
*Zero Crossing Circuit
ZCC*
NC
Optocoupler, Phototriac Output, Zero Crossing
Features
• High Input Sensitivity IFT = 1.0 mA
•ITRMS = 300 mA
• High Static dv/dt 10,000 V/
µs
• Electrically Insulated between Input and
Output circuit
• Microcomputer compatible
• Trigger Current
- (IFT < 1.2 mA) BRT22F, BRT23F,
- (IFT < 2 mA) BRT21H, BRT22H, BRT23H
- (IFT < 3 mA) BRT21M, BRT22M, BRT23M
• Available Surface Mount and on on tape and reel
• Zero Voltage Crossing detector
• UL File E52744 System Code "J"
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Industrial controls
• Office equipment
• Consumer appliances
Description
The BRT21, BRT22, BRT23 product family consists
of
AC switch optocouplers with zero voltage detec-
tors with two electrically insulated lateral power ICs
which integrate a thyrister system, a photo detector
and noise suppression at the output and an IR GaAs
diode input
High input sensitivity is achieved by using an emitter
follower phototransistor and an SCR predriver result-
ing in an LED trigger current of less than 2 mA or 3 mA
(DC).
Inverse parallel SCRs provide commutating
dv/dt greater than 10 kV/
µs
The zero cross line voltage detection circuit consists
of two MOSFETS and a photodiode.
THe BRT21/ 22/ 23 product family isolates low-volt-
age logic from 120, 230 and 380 VAC lines to control
resistive, inductive or capacitive loads including
motors, solenoids, high current thyristers or TRIAC
and relays.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
BRT21H
VDRM ≤ 400 V, DIP-6, 2.0 mA IFT
BRT21M
VDRM ≤ 400 V, DIP-6, 3.0 mA IFT
BRT22F
VDRM ≤ 600 V, DIP-6, 1.2 mA IFT
BRT22H
VDRM ≤ 600 V, DIP-6, 2.0 mA IFT
BRT22M
VDRM ≤ 600 V, DIP-6, 3.0 mA IFT
BRT23F
VDRM ≤ 800 V, DIP-6, 1.2 mA IFT
BRT23H
VDRM ≤ 800 V, DIP-6, 2.0 mA IFT
BRT23M
VDRM ≤ 800 V, DIP-6, 3.0 mA IFT
BRT21H-X006
VDRM ≤ 400 V, DIP-6 400 mil (option 6), 2.0 mA IFT
BRT21H-X007
VDRM ≤ 400 V, SMD-6 (option 7), 2.0 mA IFT
BRT21M-X006
VDRM ≤ 400 V, DIP-6 400 mil (option 6), 3.0 mA IFT
BRT22F-X006
VDRM ≤ 600 V, SMD-6 (option 7), 1.2 mA IFT
BRT22F-X0067 VDRM ≤ 600 V, SMD-6 (option 7), 1.2 mA IFT
BRT22H-X007
VDRM ≤ 600 V, SMD-6 (option 7), 2.0 mA IFT
BRT22M-X006
VDRM ≤ 600 V, DIP-6 400 mil (option 6), 3.0 mA IFT
BRT23F-X006
VDRM ≤ 800 V, DIP-6 400 mil (option 6), 1.2 mA IFT
BRT23F-X007
VDRM ≤ 800 V, DIP-6 400 mil (option 6), 1.2 mA IFT
BRT23H-X006
VDRM ≤ 800 V, DIP-6 400 mil (option 6), 2.0 mA IFT
BRT23H-X007
VDRM ≤ 800 V, SMD-6 (option 7), 2.0 mA IFT
BRT23M-X006
VDRM ≤ 800 V, DIP-6 400 mil (option 6), 3.0 mA IFT
BRT23M-X007
VDRM ≤ 800 V, SMD-6 (option 7), 3.0 mA IFT


Similar Part No. - BRT22M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT22M SIEMENS-BRT22M Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
Vishay Siliconix
BRT22M VISHAY-BRT22M Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT22M-X006 VISHAY-BRT22M-X006 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
More results

Similar Description - BRT22M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com