Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CA6 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48CA6
Description  8-Bit Remote Type Low Voltage Mask MCU
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA6 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48CA6 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
HT48CA6
Rev. 1.10
6
July 26, 2002
All data memory areas can handle arithmetic, logic, in-
crement, decrement and rotate operations directly. Ex-
cept for some dedicated bits, each bit in the data
memory can be set and reset by the SET [m].i and CLR
[m].i instructions, respectively. They are also indirectly
accessible through memory pointer register (MP;01H).
Indirect addressing register
Location 00H is an indirect addressing register that is
not physically implemented. Any read/write operation of
[00H] accesses data memory pointed to by MP (01H).
Reading location 00H itself indirectly will return the re-
sult 00H. Writing indirectly results in no operation.
The memory pointer register MP (01H) is a 6-bit regis-
ter. The bit 7~6 of MP is undefined and reading will re-
turn the result
²1². Any writing operation to MP will only
transfer the lower 6-bit data to MP.
Accumulator
The accumulator closely relates to ALU operations. It is
also mapped to location 05H of the data memory and is
capable of carrying out immediate data operations.
Data movement between two data memory locations
has to pass through the accumulator.
Arithmetic and logic unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tion. The ALU provides the following functions.
· Arithmetic operations (ADD, ADC, SUB,
SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation but
also changes the contents of the status register.
Status register
- STATUS
This 8-bit status register (0AH) contains the 0 flag (Z),
carry flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PD) and watchdog time-out flag (TO). It
G e n e r a l P u r p o s e
D A T A M E M O R Y
( 3 2 B y t e s )
S p e c i a l P u r p o s e
D A T A M E M O R Y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 . H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 . H
3 . H
I n d i r e c t A d d r e s s i n g R e g i s t e r
M P
A C C
P C L
T B L P
T B L H
S T A T U S
P A
P B
P C
: U n u s e d
R e a d a s " 0 0 "
2 0 H
RAM mapping
Labels
Bits
Function
C0
C is set if the operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
AC
1
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
Z
2
Z is set if the result of an arithmetic or logic operation is 0; otherwise Z is cleared.
OV
3
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
PD
4
PD is cleared when either a system power-up or executing the CLR WDT instruction. PD is set
by executing the HALT instruction.
TO
5
TO is cleared by a system power-up or executing the CLR WDT or HALT instruction. TO is set
by a WDT time-out.
¾
6
Unused bit, read as
²0²
¾
7
Unused bit, read as
²0²
Status register


Similar Part No. - HT48CA6

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
HT48CA0-1 HOLTEK-HT48CA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA0-2 HOLTEK-HT48CA0-2 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48CA0-3 HOLTEK-HT48CA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48CA1 HOLTEK-HT48CA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48CA6

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC65D02C40 SILAN-SC65D02C40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
logo
Holtek Semiconductor In...
HT47C20L HOLTEK-HT47C20L_05 Datasheet
357Kb / 45P
   R-F Type Low Voltage 8-Bit Mask MCU
HT47C10L HOLTEK-HT47C10L Datasheet
271Kb / 38P
   R-F Type Low Voltage 8-Bit Mask MCU
HT47C07L HOLTEK-HT47C07L Datasheet
3Mb / 57P
   R-F Type Low Voltage 8-bit Mask MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
   R-F Type Low Voltage 8-Bit Mask MCU
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com