Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX256-PCS64 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EX256-PCS64
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX256-PCS64 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EX256-PCS64 Datasheet HTML 1Page - List of Unclassifed Manufacturers EX256-PCS64 Datasheet HTML 2Page - List of Unclassifed Manufacturers EX256-PCS64 Datasheet HTML 3Page - List of Unclassifed Manufacturers EX256-PCS64 Datasheet HTML 4Page - List of Unclassifed Manufacturers EX256-PCS64 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX256-PCS64 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX256-PCS64 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX256-PCS64 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX256-PCS64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
D e c e m ber 2001
1
© 2001 Actel Corporation
v3 . 0
eX Family FPGAs
L ead i n g Edg e Pe r f or m anc e
•240 MHz System Performance
• 3.9ns Clock-to-Out (Pad-to-Pad)
• 350 MHz Internal Performance
S pec i f i cat i o ns
• 3,000 to 12,000 Available System Gates
• As Many as 512 Maximum Flip-Flops (Using CC Macros)
•0.22
µ CMOS Process Technology
• Up to 132 User-Programmable I/O Pins
Fe a t ur es
• High-Performance, Low-Power Antifuse FPGA
• LP/Sleep Mode for Additional Power Savings
• Advanced Small-footprint Packages
• Hot-Swap Compliant I/Os
• Single-Chip Solution
• Nonvolatile
•Live on power up
• Power-Up/Down Friendly (No Sequencing Required for
Supply Voltages)
• Configurable Weak-Resistor Pull-Up or Pull-Down for
Tristated Outputs during Power Up
• Individual Output Slew Rate Control
• 2.5V, 3.3V, and 5.0V Mixed Voltage Operation with 5.0V
Input Tolerance and 5.0V Drive Strength
• Software Design Support with Actel Designer Series and
Libero Tools
• Up to 100% Resource Utilization with 100% Pin Locking
• Deterministic Timing
• Unique In-System Diagnostic and Verification Capability
with Silicon Explorer II
• Boundary Scan Testing in Compliance with IEEE Standard
1149.1 (JTAG)
• Secure Programming Technology Prevents Reverse
Engineering and Design Theft
Ge ne ra l Des c r i pt i o n
The eX family of FPGAs is a low-cost solution for low-power,
high-performance
designs.
The
inherent
low
power
attributes of the antifuse technology, coupled with an
additional low static power mode, make these devices ideal
for power-sensitive applications. Fabricated with an
advanced 0.22
µ CMOS antifuse technology, these devices
achieve high performance with no power penalty
.
e X Pr od uc t P r of i l e
Device
eX64
eX128
eX256
Capacity
System Gates
Typical Gates
3,000
2,000
6,000
4,000
12,000
8,000
Register Cells (Dedicated Flip-Flops)
64
128
256
Combinatorial Cells
128
256
512
Maximum User I/Os
84
100
132
Speed Grades
–F, Std, –P
–F, Std, –P
–F, Std, –P
Temperature Grades
C, I
C, I
C, I
Package (by pin count)
TQFP
CSP
64, 100
49, 128
64, 100
49, 128
100
128, 180


Similar Part No. - EX256-PCS64

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX256-PCS100 ACTEL-EX256-PCS100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-PCS100 ACTEL-EX256-PCS100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX256-PCS100A ACTEL-EX256-PCS100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-PCS100A ACTEL-EX256-PCS100A Datasheet
433Kb / 49P
   eX Family FPGAs
EX256-PCS100I ACTEL-EX256-PCS100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX256-PCS64

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com