Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4630EPD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4630EPD
Description  /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4630EPD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4630EPD Datasheet HTML 4Page - Maxim Integrated Products MAX4630EPD Datasheet HTML 5Page - Maxim Integrated Products MAX4630EPD Datasheet HTML 6Page - Maxim Integrated Products MAX4630EPD Datasheet HTML 7Page - Maxim Integrated Products MAX4630EPD Datasheet HTML 8Page - Maxim Integrated Products MAX4630EPD Datasheet HTML 9Page - Maxim Integrated Products MAX4630EPD Datasheet HTML 10Page - Maxim Integrated Products MAX4630EPD Datasheet HTML 11Page - Maxim Integrated Products MAX4630EPD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, Quad,
SPST, CMOS Analog Switches
8
_______________________________________________________________________________________
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
tR < 20ns
tF < 20ns
50%
0
V+
tOFF
0
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC
INPUT
RL
300
NO_/NC_
GND
SWITCH
INPUT
IN
COM_
SWITCH
OUTPUT
V+
CL
35pF
V+
VOUT
VCOM
MAX4620
MAX4630
MAX4640
Figure 1. Switching Time
Figure 3. Channel Off/On-Capacitance
CAPACITANCE
METER
COM_
GND
IN
10nF
V+
f = 1MHz
V+
VIL OR
VIH
MAX4620
MAX4630
MAX4640
NO_/NC_
Figure 2. Off-Isolation/On-Channel Bandwidth
MAX4620
MAX4630
MAX4640
IN
VIL OR
VIH
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
RL
GND
COM_
V+
NO_/NC_


Similar Part No. - MAX4630EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4631CPE MAXIM-MAX4631CPE Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4631CSE MAXIM-MAX4631CSE Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4631EPE MAXIM-MAX4631EPE Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4630EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com