Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX256-PTQ100 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EX256-PTQ100
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX256-PTQ100 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EX256-PTQ100 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX256-PTQ100 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX256-PTQ100 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX256-PTQ100 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX256-PTQ100 Datasheet HTML 9Page - List of Unclassifed Manufacturers EX256-PTQ100 Datasheet HTML 10Page - List of Unclassifed Manufacturers EX256-PTQ100 Datasheet HTML 11Page - List of Unclassifed Manufacturers EX256-PTQ100 Datasheet HTML 12Page - List of Unclassifed Manufacturers EX256-PTQ100 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
v3.0
9
eX Fam i l y FP G A s
3. 3 V El ect r i ca l S p e c i f i cat i o ns
5.0V El ectrical Speci fi cati ons
Symbol
Parameter
Commercial
Industrial
Min.
Max.
Min.
Max.
Units
VOH
VDD = MIN, VI = VIH or VIL
(IOH = -1mA) 0.9 VCCI
0.9 VCCI
V
VDD = MIN, VI = VIH or VIL
(IOH = -8mA)
2.4
2.4
V
VOL
VDD = MIN, VI = VIH or VIL
(IOL= 1mA)
0.1 VCCI
0.1 VCCI
V
VDD = MIN, VI = VIH or VIL
(IOL= 12mA)
0.4
0.4
V
VIL
Input Low Voltage
0.8
0.8
V
VIH
Input High Voltage
2.0
2.0
V
IIL/ IIH
Input Leakage Current, VIN = VCCI or GND
–10
10
–10
10
µA
IOZ
3-State Output Leakage Current, VOUT = VCCI or GND
–10
10
–10
10
µA
tR, tF
1,2
Input Transition Time tR, tF
10
10
ns
CIO
I/O Capacitance
10
10
pF
ICC
3,4
Standby Current
1.5
10
mA
IV Curve5 Can be derived from the IBIS model at www.actel.com/custsup/models/ibis.html.
Notes:
1.
tR is the transition time from 0.8 V to 2.0V.
2.
tF is the transition time from 2.0V to 0.8V.
3.
ICC max Commercial –F=5.0mA
4.
ICC=ICCI + ICCA
Symbol
Parameter
Commercial
Industrial
Min.
Max.
Min.
Max.
Units
VOH
VDD = MIN, VI = VIH or VIL
(IOH = -1mA) 0.9 VCCI
0.9 VCCI
V
VDD = MIN, VI = VIH or VIL
(IOH = -8mA)
2.4
2.4
V
VOL
VDD = MIN, VI = VIH or VIL
(IOL= 1mA)
0.1 VCCI
0.1 VCCI
V
VDD = MIN, VI = VIH or VIL
(IOL= 12mA)
0.4
0.4
V
VIL
Input Low Voltage
0.8
0.8
V
VIH
Input High Voltage
2.0
2.0
V
IIL/ IIH
Input Leakage Current, VIN = VCCI or GND
–10
10
–10
10
µA
IOZ
3-State Output Leakage Current, VOUT = VCCI or GND
–10
10
–10
10
µA
tR, tF
1,2
Input Transition Time tR, tF
10
10
ns
CIO
I/O Capacitance
10
10
pF
ICC
3,4
Standby Current
15
20
mA
IV Curve5 Can be derived from the IBIS model at www.actel.com/custsup/models/ibis.html
Notes:
1.
tR is the transition time from 0.8 V to 2.0V.
2.
tF is the transition time from 2.0V to 0.8V.
3.
ICC max Commercial –F=20mA
4.
ICC=ICCI + ICCA


Similar Part No. - EX256-PTQ100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX256-PTQ100 ACTEL-EX256-PTQ100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-PTQ100 ACTEL-EX256-PTQ100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX256-PTQ100A ACTEL-EX256-PTQ100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-PTQ100A ACTEL-EX256-PTQ100A Datasheet
433Kb / 49P
   eX Family FPGAs
EX256-PTQ100I ACTEL-EX256-PTQ100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX256-PTQ100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com