Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL10060 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL10060
Description  MOPLL with IF AGC Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10060 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL10060 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL10060 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL10060 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL10060 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL10060 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL10060 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10060 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10060 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10060 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2005, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Highly integrated mixer/oscillator PLL and IF AGC
amplifier for multi band analog/digital terrestrial
tuners and/or cable tuners
Low phase noise PLL frequency synthesizer
AGC output level detect with digital controlled
TOP threshold
>50 dB Desired/Undesired ratio without pre
filtering
Separate analog and digital IF outputs
>41 dB IF AGC Control range
Power down modes to support power reduction
initiatives
Four independent GPO
48 pin QFN Package
Applications
DVB-T receiver systems
ISDB-T receiver systems
DVB-C cable receiver systems
Terrestrial analog receivers
Description
The ZL10060 is a 3 band MOPLL with IF AGC
amplifier. It down-converts the RF channel to a
standard
IF
followed
by
filtering
and
IF
AGC
amplification for the digital channel. Each band
consists of a low noise preamplifier/mixer and local
oscillator with an external varactor tuned tank circuit.
An IF level detector is included for control of the RF
AGC. The Take Over Point and time constant are both
programmable.
The
ZL10060
has
high
signal
level
handling
performance providing excellent performance in the
presence of high level unwanted signals.
All chip control is via I2C bus.
If higher performance is required, an alternative part,
ZL10063
is
available
with
image
reject
down
conversion.
November 2005
Ordering Information
ZL10060LDG1
48 Pin QFN*
Trays
ZL10060LDF1
48 Pin QFN*
Tape and Reel
*Pb Free Matte Tin
-20
°C to +85°C
ZL10060
MOPLL with IF AGC Amplifier
Data Sheet
Figure 1 - Basic Block Diagram
PLL
AGC
Det
I2C
Control
Loop
Filter
VCO Tank
Circuits
Band
Pass
Filter
Digital
Digital
ZL10060
RF
Input
Demod
Analog
Demod
GPO
IF SAW
Analog
IF SAW
I2C
IF AGC
Digital IF
Analog IF
RF AGC
Tuning


Similar Part No. - ZL10060

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10036 ZARLINK-ZL10036 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF ZARLINK-ZL10036LDF Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF1 ZARLINK-ZL10036LDF1 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDG ZARLINK-ZL10036LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDG1 ZARLINK-ZL10036LDG1 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
More results

Similar Description - ZL10060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Samsung semiconductor
S1M8657 SAMSUNG-S1M8657 Datasheet
281Kb / 34P
   TX IF/BBA WITH AGC
logo
DAICO Industries, Inc.
DHD08063 DAICO-DHD08063 Datasheet
30Kb / 1P
   IF / AGC HYBRID
logo
List of Unclassifed Man...
AN5130 ETC-AN5130 Datasheet
245Kb / 4P
   COLOR TV IF AMPLIFIER DETECTOR AGC, AFC CIRCUITS
AN5720 ETC1-AN5720 Datasheet
147Kb / 3P
   B/W TV VIDEO AMPLIFIER, IF AGC CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com