Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG1-L-6V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # RG1-L-6V
Description  HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RG1-L-6V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  RG1-L-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RG1-L-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RG1-L-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RG1-L-6V Datasheet HTML 4Page - Nais(Matsushita Electric Works) RG1-L-6V Datasheet HTML 5Page - Nais(Matsushita Electric Works) RG1-L-6V Datasheet HTML 6Page - Nais(Matsushita Electric Works) RG1-L-6V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
107
Part No.
Nominal
voltage
V DC
RG2-L-3V
RG2T-L-3V
RG2-L-5V
RG2T-L-5V
RG2-L-6V
RG2T-L-6V
RG2-L-9V
RG2T-L-9V
RG2-L-12V
RG2T-L-12V
RG2-L-24V
RG2T-L-24V
RG2-L-48V
RG2T-L-48V
Set and reset
voltage,
V DC (max.)
Coil
resistance,
Ω (±10%)
Nominal
operating
current, mA
Nominal
operating
power, mW
Maximum
allowable
voltage, V DC
(40
°C 104°F)
1 coil latching
3
5
6
9
12
24
48
2.4
4.0
4.8
7.2
9.6
19.2
38.4
45
125
180
405
720
2,880
11,520
66.7
40.8
33.3
22.2
16.7
8.3
4.2
200
200
200
200
200
200
200
Part No.
Nominal
voltage
V DC
RG2-L2-3V
RG2T-L2-3V
RG2-L2-5V
RG2T-L2-5V
RG2-L2-6V
RG2T-L2-6V
RG2-L2-9V
RG2T-L2-9V
RG2-L2-12V
RG2T-L2-12V
RG2-L2-24V
RG2T-L2-24V
RG2-L2-48V
RG2T-L2-48V
Set and reset
voltage,
V DC (max.)
Coil 1
Coil 2
Coil resistance,
Ω (±10%)
Nominal
operating
current, mA
Nominal
operating
power, mW
Maximum
allowable
voltage, V DC
(40
°C 104°F)
2 coil latching
3
5
6
9
12
24
48
2.4
4.0
4.8
7.2
9.6
19.2
38.4
22.5
62.5
90
203
360
1,440
5,760
22.5
62.5
90
202.5
360
1,440
5,760
133.8
80.8
66.7
44.4
33.3
16.7
8.3
400
400
400
400
400
400
400
3.6
6.0
7.2
10.8
14.4
28.8
57.6
3.6
6.0
7.2
10.8
14.4
28.8
57.6
RG
15.24
.600
5.08
.200
7.62
.300
9.9
.390
0.5
.020
3.7
.146
19
.748
2.54
.100
2.61
.103
Tolerance:
±0.3 ±.012
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
Deenergized condition
Reset condition
Reset condition
Single side stable
PC board pattern (Copper-side view)
1 Form C type
1 coil latching
2 coil latching
20.32
.800 25
.984
4–0.4
×0.25
.016
×.010
4–0.4
×0.4
.016
×.016
3–0.5
×0.4
.020
×.016
2.54
.100
2.54
.100
11-1 DIA
11-.039 DIA.
1 2
345
6
7
15
16
+
+
+
+
17
18
1 2
345
6
7
15
16
17
18
1 2
345
6
7
15
16
17
18
21
.827
15
.591
DIMENSIONS
mm inch


Similar Part No. - RG1-L-6V

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RG1-102N-D15 COPAL-RG1-102N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102N-R15 COPAL-RG1-102N-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102S-D15 COPAL-RG1-102S-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102S-R15 COPAL-RG1-102S-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-103N-D15 COPAL-RG1-103N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
More results

Similar Description - RG1-L-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
logo
Meder Electronic
HF05-1A54-6 MEDER-HF05-1A54-6 Datasheet
892Kb / 3P
   High Frequency and High Power Reed Relays
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
Omron Electronics LLC
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com