Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX64-FCS49I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EX64-FCS49I
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX64-FCS49I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EX64-FCS49I Datasheet HTML 2Page - List of Unclassifed Manufacturers EX64-FCS49I Datasheet HTML 3Page - List of Unclassifed Manufacturers EX64-FCS49I Datasheet HTML 4Page - List of Unclassifed Manufacturers EX64-FCS49I Datasheet HTML 5Page - List of Unclassifed Manufacturers EX64-FCS49I Datasheet HTML 6Page - List of Unclassifed Manufacturers EX64-FCS49I Datasheet HTML 7Page - List of Unclassifed Manufacturers EX64-FCS49I Datasheet HTML 8Page - List of Unclassifed Manufacturers EX64-FCS49I Datasheet HTML 9Page - List of Unclassifed Manufacturers EX64-FCS49I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
eX Fam i l y FP G A s
6v3.0
operating conditions are reached. Please see the Actel SX-A
and RT54SX-S Devices in Hot-Swap and Cold-Sparing
Applications application note for more information on hot
swapping.
P o wer R equ i r em ent s
The eX family supports mixed voltage operation and is
designed to tolerate 5.0V inputs in each case (Table 2).
Power consumption is extremely low due to the very short
distances signals, which are required to travel to complete a
circuit. Power requirements are further reduced because of
the small number of low-resistance antifuses in the path.
The antifuse architecture does not require active circuitry
to hold a charge (as do SRAM or EPROM), making it the
lowest-power architecture FPGA available today. Also, when
the device is in low power mode, the clock pins must not
float. They must be driven either HIGH or LOW. We
recommend that signals driving the clock pins be fixed at
HIGH or LOW rather than toggle to achieve maximum power
efficiency.
Low P o wer Mode
The new Actel eX family has been designed with a Low
Power Mode. This feature, activated with a special LP pin, is
particularly useful for battery-operated systems where
battery life is a primary concern. In this mode, the core of
the device is turned off and the device consumes minimal
power with low standby current. In addition, all input
buffers are turned off, and all outputs and bidirectional
buffers are tristated when the device enters this mode.
Since the core of the device is turned off, the states of the
registers are lost. The device must be re-initialized when
normal operating mode is achieved.
Bou ndar y S can T e s ti ng (BS T )
All eX devices are IEEE 1149.1 compliant. eX devices offer
superior diagnostic and testing capabilities by providing
Boundary Scan Testing (BST) and probing capabilities.
These functions are controlled through the special test pins
in conjunction with the program fuse. The functionality of
each pin is described in Table 3. In the dedicated test mode,
TCK, TDI, and TDO are dedicated pins and cannot be used
as regular I/Os. In flexible mode, TMS should be set HIGH
through a pull-up resistor of 10k
Ω. TMS can be pulled LOW
to initiate the test sequence.
C onfi gur i n g Di agn os t i c P i n s
The JTAG and Probe pins (TDI, TCK, TMS, TDO, PRA, and
PRB) are placed in the desired mode by selecting the
appropriate check boxes in the “Variation” dialog window.
This dialog window is accessible through the Design Setup
Wizard under the Tools menu in Actel's Designer software.
TR ST Pi n
When the “Reserve JTAG Reset” box is checked, the TRST
pin will become a Boundary Scan Reset pin. In this mode,
the TRST pin will function as an asynchronous, active-low
input to initialize or reset the BST circuit. An internal
pull-up resistor will be automatically enabled on the TRST
pin.
The TRST pin will function as a user I/O when the “Reserve
JTAG Reset” box is not checked. The internal pull-up
resistor will be disabled in this mode.
D edi c a t ed T e s t M ode
When the “Reserve JTAG” box is checked, the eX device is
placed in Dedicated Test mode, which configures the TDI,
TCK, and TDO pins for BST or in-circuit verification with
Silicon Explorer II. An internal pull-up resistor is
automatically enabled on both the TMS and TDI pins. In
Dedicated Test Mode, TCK, TDI, and TDO are dedicated test
pins and become unavailable for pin assignment in the Pin
Editor. The TMS pin will function as specified in the IEEE
1149.1 (JTAG) Specification.
Fl exi bl e Mo de
When the “Reserve JTAG” box is not selected (default
setting in Designer software), eX is placed in Flexible mode,
which allows the TDI, TCK, and TDO pins to function as user
I/Os or BST pins. In this mode the internal pull-up resistors
on the TMS and TDI pins are disabled. An external 10k
pull-up resistor to VCCI is required on the TMS pin.
The TDI, TCK, and TDO pins are transformed from user I/Os
into BST pins when a rising edge on TCK is detected while
TMS is at logical low. Once the BST pins are in test mode
they will remain in BST mode until the internal BST state
Table 2 • Supply Voltages
VCCA
VCCI
Maximum
Input
Tolerance
Maximum
Output
Drive
eX64
eX128
eX256
2.5V
2.5V
5.0V
2.5V
2.5V
3.3V
5.0V
3.3V
2.5V
5.0V
5.0V
5.0V
2.5V LP/Sleep Mode Specifications
Typical Conditions, VCCA, VCCI = 2.5V, TJ = 25° C
Product
Low Power Standby Current
Units
eX64
100
µA
eX128
111
µA
eX256
134
µA
Table 3 • Boundary Scan Pin Functionality
Program Fuse Blown
(Dedicated Test Mode)
Program Fuse Not Blown
(Flexible Mode)
TCK, TDI, TDO are
dedicated BST pins
TCK, TDI, TDO are flexible
and may be used as I/Os
No need for pull-up resistor
for TMS
Use a pull-up resistor of
10k
on TMS


Similar Part No. - EX64-FCS49I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX64-FCS100 ACTEL-EX64-FCS100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX64-FCS100 ACTEL-EX64-FCS100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX64-FCS100A ACTEL-EX64-FCS100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX64-FCS100A ACTEL-EX64-FCS100A Datasheet
433Kb / 49P
   eX Family FPGAs
EX64-FCS100I ACTEL-EX64-FCS100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX64-FCS49I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com