Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX64-PTQ64I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EX64-PTQ64I
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX64-PTQ64I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EX64-PTQ64I Datasheet HTML 1Page - List of Unclassifed Manufacturers EX64-PTQ64I Datasheet HTML 2Page - List of Unclassifed Manufacturers EX64-PTQ64I Datasheet HTML 3Page - List of Unclassifed Manufacturers EX64-PTQ64I Datasheet HTML 4Page - List of Unclassifed Manufacturers EX64-PTQ64I Datasheet HTML 5Page - List of Unclassifed Manufacturers EX64-PTQ64I Datasheet HTML 6Page - List of Unclassifed Manufacturers EX64-PTQ64I Datasheet HTML 7Page - List of Unclassifed Manufacturers EX64-PTQ64I Datasheet HTML 8Page - List of Unclassifed Manufacturers EX64-PTQ64I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
v3.0
5
eX Fam i l y FP G A s
Cl ock Res our ce s
Actel’s high-drive routing structure provides three clock
networks. The first clock, called HCLK, is hardwired from
the HCLK buffer to the clock select MUX in each R-Cell.
HCLK cannot be connected to combinational logic. This
provides a fast propagation path for the clock signal,
enabling the 3.9ns clock-to-out (pad-to-pad) performance of
the eX devices. The hard-wired clock is tuned to provide a
clock skew of less than 0.1ns worst case.
The remaining two clocks (CLKA, CLKB) are global clocks
that can be sourced from external pins or from internal
logic signals within the eX device. CLKA and CLKB may be
connected to sequential cells or to combinational logic. If
CLKA or CLKB is sourced from internal logic signals then
the external clock pin cannot be used for any other input
and must be tied low or high. Figure 5 describes the clock
circuit used for the constant load HCLK. Figure 6 describes
the CLKA and CLKB circuit used in eX devices.
O t he r A r c h i t ec tu ral Fe atu r e s
T echno l o g y
Actel’s eX family is implemented on a high-voltage twin-well
CMOS process using 0.22
µ design rules. The metal-to-metal
antifuse is made up of a combination of amorphous silicon
and dielectric material with barrier metals and has an “on”
state resistance of 25
Ω with a capacitance of 1.0 fF for low
signal impedance.
P e rf orm a nce
The combination of architectural features described above
enables eX devices to operate with internal clock
frequencies exceeding 350 MHz for very fast execution of
complex logic functions. Thus, the eX family is an optimal
platform upon which to integrate the functionality
previously contained in CPLDs. In addition, designs that
previously would have required a gate array to meet
performance goals can now be integrated into an eX device
with dramatic improvements in cost and time to market.
Using timing-driven place-and-route tools, designers can
achieve highly deterministic device performance.
I/ O M odul es
Each I/O on an eX device can be configured as an input, an
output, a tristate output, or a bidirectional pin. Even without
the inclusion of dedicated I/O registers, these I/Os, in
combination with array registers, can achieve clock-to-out
(pad-to-pad) timing as fast as 3.9ns. I/O cells that have
embedded latches and flip-flops require instantiation in HDL
code; this is a design complication not encountered in eX
FPGAs. Fast pin-to-pin timing ensures that the device will
have little trouble interfacing with any other device in the
system, which in turn enables parallel design of system
components and reduces overall design time. See Table 1 for
more information.
Hot S w a ppi n g
eX I/Os are configured to be hot swappable. During power
up/down (or partial up/down), all I/Os are tristated. VCCA
and VCCI do not have to be stable during power up/down,
and they do not require a specific power-up or power-down
sequence in order to avoid damage to the eX devices. After
the eX device is plugged into an electrically active system,
the device will not degrade the reliability of or cause
damage to the host system. The device’s output pins are
driven to a high impedance state until normal chip
Figure 5 • eX HCLK Clock Pad
Figure 6 • eX Routed Clock Buffer
Constant Load
Clock Network
HCLKBUF
Clock Network
From Internal Logic
CLKBUF
CLKBUFI
CLKINT
CLKINTI
Table 1 • I/O Features
Function
Description
Input Buffer
Threshold
Selection
TTL/3.3V LVTTL
Flexible
Output
Driver
2.5V LVCMOS 2
3.3V LVTTL
5.0V TTL/CMOS
Output
Buffer
“Hot-Swap” Capability
I/O on an unpowered device does not
sink current
Can be used for “cold sparing”
Selectable on an individual I/O basis
Individually selectable low-slew option
Power Up
Individually selectable pull ups and pull
downs during power up (default is to power
up in tristate)
Enables deterministic power up of device
VCCA and VCCI can be powered in any order


Similar Part No. - EX64-PTQ64I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX64-PTQ100 ACTEL-EX64-PTQ100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX64-PTQ100 ACTEL-EX64-PTQ100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX64-PTQ100A ACTEL-EX64-PTQ100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX64-PTQ100A ACTEL-EX64-PTQ100A Datasheet
433Kb / 49P
   eX Family FPGAs
EX64-PTQ100I ACTEL-EX64-PTQ100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX64-PTQ64I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com