Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX128-PTQ64I Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EX128-PTQ64I
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX128-PTQ64I Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EX128-PTQ64I Datasheet HTML 7Page - List of Unclassifed Manufacturers EX128-PTQ64I Datasheet HTML 8Page - List of Unclassifed Manufacturers EX128-PTQ64I Datasheet HTML 9Page - List of Unclassifed Manufacturers EX128-PTQ64I Datasheet HTML 10Page - List of Unclassifed Manufacturers EX128-PTQ64I Datasheet HTML 11Page - List of Unclassifed Manufacturers EX128-PTQ64I Datasheet HTML 12Page - List of Unclassifed Manufacturers EX128-PTQ64I Datasheet HTML 13Page - List of Unclassifed Manufacturers EX128-PTQ64I Datasheet HTML 14Page - List of Unclassifed Manufacturers EX128-PTQ64I Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
v3.0
11
eX Fam i l y FP G A s
T o ta l Dy n a m ic P o w e r ( m W )
S y s te m P o we r at 5% , 10 %, a nd 1 5 % D u t y Cy cl e
0
20
40
60
80
100
120
140
160
180
0
25
50
75
100
125
150
175
200
Frequency (MHz)
32-bit Decoder
8 x 8-bit Counters
SDRAM Controller
0
2,000
4,000
6,000
8,000
10,000
12,000
0
10
203040
50
60
Frequency (MHz)
5% DC
10% DC
15% DC


Similar Part No. - EX128-PTQ64I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQ100 ACTEL-EX128-PTQ100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX128-PTQ100 ACTEL-EX128-PTQ100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-PTQ100A ACTEL-EX128-PTQ100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX128-PTQ100A ACTEL-EX128-PTQ100A Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-PTQ100I ACTEL-EX128-PTQ100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX128-PTQ64I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com