Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX128-FTQ100I Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EX128-FTQ100I
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX128-FTQ100I Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EX128-FTQ100I Datasheet HTML 1Page - List of Unclassifed Manufacturers EX128-FTQ100I Datasheet HTML 2Page - List of Unclassifed Manufacturers EX128-FTQ100I Datasheet HTML 3Page - List of Unclassifed Manufacturers EX128-FTQ100I Datasheet HTML 4Page - List of Unclassifed Manufacturers EX128-FTQ100I Datasheet HTML 5Page - List of Unclassifed Manufacturers EX128-FTQ100I Datasheet HTML 6Page - List of Unclassifed Manufacturers EX128-FTQ100I Datasheet HTML 7Page - List of Unclassifed Manufacturers EX128-FTQ100I Datasheet HTML 8Page - List of Unclassifed Manufacturers EX128-FTQ100I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
eX Fam i l y FP G A s
2v3.0
O r de rin g I n fo rm a t io n
Pr od uc t P l a n
Application (Temperature Range)
Blank = Commercial (0 to +70°C)
I = Industrial (–40 to +85°C)
PP = Pre-production
Package Type
TQ = Thin (1.4mm) Quad Flat Pack
CS = Chip-Scale Package (0.8mm pitch)
Speed Grade
Blank = Standard Speed
–P = Approximately 30% Faster than Standard
–F = Approximately 40% Slower than Standard
Part Number
eX64
=
64 Dedicated Flip-Flops (3,000 System Gates)
eX128 =
128 Dedicated Flip-Flops (6,000 System Gates)
eX256 =
256 Dedicated Flip-Flops (12,000 System Gates)
Package Lead Count
eX128
TQ
100
–P
Speed Grade
Application
–FStd
–PC
I
eX64 Device
64-Pin Thin Quad Flat Pack (TQFP)
✔✔
100-Pin Thin Quad Flat Pack (TQFP)
✔✔
49-Pin Chip Scale Package (CSP)
✔✔
128-Pin Chip Scale Package (CSP)
✔✔
eX128 Device
64-Pin Thin Quad Flat Pack (TQFP)
✔✔
100-Pin Thin Quad Flat Pack (TQFP)
✔✔
49-Pin Chip Scale Package (CSP)
✔✔
128-Pin Chip Scale Package (CSP)
✔✔
eX256 Device
100-Pin Thin Quad Flat Pack (TQFP)
✔✔
128-Pin Chip Scale Package (CSP)
✔✔
180-Pin Chip Scale Package (CSP)
✔✔
Contact your Actel sales representative for product availability.
Speed Grade:
–P = Approx. 30% faster than Standard
Availability:
✔ = Available
Applications:
C = Commercial
–F = Approx. 40% slower than Standard
I
= Industrial
† Only Std Speed Grade
P l ast i c Dev i ce R e s our c e s
User I/Os (including clock buffers)
Device
TQFP 64-Pin
TQFP 100-Pin
CSP 49-Pin
CSP 128-Pin
CSP 180-Pin
eX64
41
56
36
84
eX128
46
70
36
100
eX256
81
100
132
Package Definitions:
TQFP = Thin Quad Flat Pack, CSP = Chip Scale Package


Similar Part No. - EX128-FTQ100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-FTQ100I ACTEL-EX128-FTQ100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX128-FTQ100I ACTEL-EX128-FTQ100I Datasheet
433Kb / 49P
   eX Family FPGAs
More results

Similar Description - EX128-FTQ100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com