Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX64-FCS100I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EX64-FCS100I
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX64-FCS100I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EX64-FCS100I Datasheet HTML 1Page - List of Unclassifed Manufacturers EX64-FCS100I Datasheet HTML 2Page - List of Unclassifed Manufacturers EX64-FCS100I Datasheet HTML 3Page - List of Unclassifed Manufacturers EX64-FCS100I Datasheet HTML 4Page - List of Unclassifed Manufacturers EX64-FCS100I Datasheet HTML 5Page - List of Unclassifed Manufacturers EX64-FCS100I Datasheet HTML 6Page - List of Unclassifed Manufacturers EX64-FCS100I Datasheet HTML 7Page - List of Unclassifed Manufacturers EX64-FCS100I Datasheet HTML 8Page - List of Unclassifed Manufacturers EX64-FCS100I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
eX Fam i l y FP G A s
4v3.0
Rou ti ng Res our ces
Clusters and SuperClusters can be connected through the
use of two innovative local routing resources called
FastConnect and DirectConnect, which enable extremely
fast and predictable interconnection of modules within
Clusters
and
SuperClusters
(Figure 4).
This
routing
architecture also dramatically reduces the number of
antifuses required to complete a circuit, ensuring the
highest possible performance.
DirectConnect is a horizontal routing resource that provides
connections from a C-cell to its neighboring R-cell in a given
SuperCluster. DirectConnect uses a hard-wired signal path
requiring no programmable interconnection to achieve its
fast signal propagation time of less than 0.1 ns (–P speed
grade).
FastConnect enables horizontal routing between any two
logic modules within a given SuperCluster and vertical
routing with the SuperCluster immediately below it. Only
one programmable connection is used in a FastConnect
path, delivering maximum pin-to-pin propagation of 0.3 ns
(–P speed grade).
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources known as segmented routing and high-drive
routing. Actel’s segmented routing structure provides a
variety of track lengths for extremely fast routing between
SuperClusters. The exact combination of track lengths and
antifuses within each path is chosen by the 100 percent
automatic place-and-route software to minimize signal
propagation delays.
Figure 3 • Cluster Organization
Figure 4 • DirectConnect and FastConnect for Type 1 SuperClusters
Type 1 SuperCluster
Cluster 1
Cluster 1
R-Cell
C-Cell
D0
D1
D2
D3
DB
A0
B0
A1
B1
Sa
Sb
Y
DirectConnect
Input
CLKA,
CLKB,
Internal Logic
HCLK
CKS
CKP
CLR
PSET
Y
DQ
Routed
Data Input
S0
S1
Type 1 SuperClusters
DirectConnect
• No antifuses
• 0.1 ns routing delay
FastConnect
• One antifuse
• 0.3 ns routing delay
Routing Segments
• Typically 2 antifuses
• Max. 5 antifuses


Similar Part No. - EX64-FCS100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX64-FCS100I ACTEL-EX64-FCS100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX64-FCS100I ACTEL-EX64-FCS100I Datasheet
433Kb / 49P
   eX Family FPGAs
More results

Similar Description - EX64-FCS100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com