Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT22V10L-20DM Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT22V10L-20DM
Description  High Speed UV Erasable Programmable Logic Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10L-20DM Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT22V10L-20DM Datasheet HTML 3Page - ATMEL Corporation AT22V10L-20DM Datasheet HTML 4Page - ATMEL Corporation AT22V10L-20DM Datasheet HTML 5Page - ATMEL Corporation AT22V10L-20DM Datasheet HTML 6Page - ATMEL Corporation AT22V10L-20DM Datasheet HTML 7Page - ATMEL Corporation AT22V10L-20DM Datasheet HTML 8Page - ATMEL Corporation AT22V10L-20DM Datasheet HTML 9Page - ATMEL Corporation AT22V10L-20DM Datasheet HTML 10Page - ATMEL Corporation AT22V10L-20DM Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE (TA = 25C, VCC = 5V)
-60
-50
-40
-30
-20
-10
0
O
u
t
p
u
t
C
u
r
r
e
n
t
012345
Output Voltage (V)
(mA)
OUTPUT SOURCE CURRENT
vs. SUPPLY VOLTAGE (VOH = 2.4V)
-45
-30
-15
0
O
u
t
p
u
t
C
u
r
r
e
n
t
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
(mA)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE (TA = 25C, VCC = 5V)
0
30
60
90
120
150
O
u
t
p
u
t
C
u
r
r
e
n
t
0123
45
Output Voltage (V)
(mA)
OUTPUT SINK CURRENT
vs. SUPPLY VOLTAGE (VOL = 0.5V)
28
29
30
31
32
33
34
O
u
t
p
u
t
C
u
r
r
e
n
t
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
(mA)
NORMALIZED ICC vs. AMBIENT TEMP.
f = 30 MHz
0.6
0.8
1.0
1.2
1.4
N
o
r
m
a
l
i
z
e
d
I
C
C
-55
-25
5
35
65
95
125
Ambient Temperature (C)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0.6
0.8
1.0
1.2
1.4
N
o
r
m
a
l
i
z
e
d
I
C
C
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
SUPPLY CURRENT vs. INPUT FREQUENCY
AT22V10L (TA = 25C, VCC = 5V)
0
20
40
60
I
C
C
m
A
0
10
20304050
Frequency (MHz)
SUPPLY CURRENT vs. INPUT FREQUENCY
AT22V10 (TA = 25C, VCC = 5V)
0
20
40
60
I
C
C
m
A
0
10
20304050
Frequency (MHz)
AT22V10/L
1-103


Similar Part No. - AT22V10L-20DM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DC ATMEL-AT22V10B-10DC Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DI ATMEL-AT22V10B-10DI Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM ATMEL-AT22V10B-10DM Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM/883 ATMEL-AT22V10B-10DM/883 Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10L-20DM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com