Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV641L-90WCP Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN29LV641L-90WCP
Description  64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV641L-90WCP Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN29LV641L-90WCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV641L-90WCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV641L-90WCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV641L-90WCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV641L-90WCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV641L-90WCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV641L-90WCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV641L-90WCP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV641L-90WCP Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
This Data Sheet may be revised by subsequent versions
©2005 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
9
EN29LV641H/L EN29LV640U
Rev. B, Issue Date: 2005/06/27
Sector
Group
A21-A17
Sector
A21
A20
A19
A18
A17
A16
A15
Address Range
(hexadecimal)
SA96
1
1
0
0
0
0
0
300000–307FFF
SA97
1
1
0
0
0
0
1
308000–30FFFF
SA98
1
1
0
0
0
1
0
310000–317FFF
SG24
11000
SA99
1
1
0
0
0
1
1
318000–31FFFF
SA100
1
1
0
0
1
0
0
320000–327FFF
SA101
1
1
0
0
1
0
1
328000–32FFFF
SA102
1
1
0
0
1
1
0
330000–337FFF
SG25
11001
SA103
1
1
0
0
1
1
1
338000–33FFFF
SA104
1
1
0
1
0
0
0
340000–347FFF
SA105
1
1
0
1
0
0
1
348000–34FFFF
SA106
1
1
0
1
0
1
0
350000–357FFF
SG26
11010
SA107
1
1
0
1
0
1
1
358000–35FFFF
SA108
1
1
0
1
1
0
0
360000–367FFF
SA109
1
1
0
1
1
0
1
368000–36FFFF
SA110
1
1
0
1
1
1
0
370000–377FFF
SG27
11011
SA111
1
1
0
1
1
1
1
378000–37FFFF
SA112
1
1
1
0
0
0
0
380000–387FFF
SA113
1
1
1
0
0
0
1
388000–38FFFF
SA114
1
1
1
0
0
1
0
390000–397FFF
SG28
11100
SA115
1
1
1
0
0
1
1
398000–39FFFF
SA116
1
1
1
0
1
0
0
3A0000–3A7FFF
SA117
1
1
1
0
1
0
1
3A8000–3AFFFF
SA118
1
1
1
0
1
1
0
3B0000–3B7FFF
SG29
11101
SA119
1
1
1
0
1
1
1
3B8000–3BFFFF
SA120
1
1
1
1
0
0
0
3C0000–3C7FFF
SA121
1
1
1
1
0
0
1
3C8000–3CFFFF
SA122
1
1
1
1
0
1
0
3D0000–3D7FFF
SG30
11110
SA123
1
1
1
1
0
1
1
3D8000–3DFFFF
SA124
1
1
1
1
1
0
0
3E0000–3E7FFF
SA125
1
1
1
1
1
0
1
3E8000–3EFFFF
SA126
1
1
1
1
1
1
0
3F0000–3F7FFF
SG31
11111
SA127
1
1
1
1
1
1
1
3F8000–3FFFFF
Note: The sizes of all sectors are 32K-word.


Similar Part No. - EN29LV641L-90WCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90BIP EON-EN29LV640AB-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90TIP EON-EN29LV640AB-90TIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AT-90BIP EON-EN29LV640AT-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV641L-90WCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV640T EON-EN29LV640T Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com