Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3451G Datasheet(PDF) 8 Page - Micronas

Part # MSP3451G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3451G Datasheet(HTML) 8 Page - Micronas

Back Button MSP3451G Datasheet HTML 4Page - Micronas MSP3451G Datasheet HTML 5Page - Micronas MSP3451G Datasheet HTML 6Page - Micronas MSP3451G Datasheet HTML 7Page - Micronas MSP3451G Datasheet HTML 8Page - Micronas MSP3451G Datasheet HTML 9Page - Micronas MSP3451G Datasheet HTML 10Page - Micronas MSP3451G Datasheet HTML 11Page - Micronas MSP3451G Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
8
MICRONAS INTERMETALL
1.3. MSP 34x1G Versions and their Application Fields
Table 1–1 provides an overview of TV sound stan-
dards that can be processed by the MSP 34x1G fam-
ily. In addition, the MSP 34x1G is able to handle the
terrestrial FM-Radio standard. With the MSP 34x1G, a
complete multimedia receiver covering all TV sound
standards together with terrestrial and satellite radio
sound can be built; even ASTRA Digital Radio can be
processed (with a DRP 3510A coprocessor).
Fig. 1–2: Typical MSP 34x1G application
Table 1–1: TV Stereo Sound Standards covered by the MSP 34x1G IC Family (details see Appendix A)
MSP Version
TV-
System
Position of Sound
Carrier /MHz
Sound
Modulation
Color
System
Broadcast e.g. in:
B/G
5.5/5.7421875
FM-Stereo (A2)
PAL
Germany
5.5/5.85
FM-Mono/NICAM
PAL
Scandinavia, Spain
L
6.5/5.85
AM-Mono/NICAM
SECAM-L
France
I
6.0/6.552
FM-Mono/NICAM
PAL
UK, Hong Kong
D/K
6.5/6.2578125
FM-Stereo (A2, D/K1)
SECAM-East
Slovak. Rep.
6.5/6.7421875
FM-Stereo (A2, D/K2)
PAL
currently no broadcast
6.5/5.7421875
FM-Stereo (A2, D/K3)
SECAM-East
Poland
6.5/5.85
FM-Mono/NICAM (D/K, NICAM)
PAL
China, Hungary
Satellite
6.5
7.02/7.2
7.38/7.56
etc.
FM-Mono
FM-Stereo
ASTRA Digital Radio (ADR)
with DRP 3510A
PAL
Europe Sat.
ASTRA
M/N
4.5/4.724212
FM-Stereo (A2)
NTSC
Korea
4.5
FM-FM (EIA-J)
NTSC
Japan
4.5
BTSC-Stereo
+ SAP
NTSC, PAL
USA, Argentina
FM-Radio
10.7
FM-Stereo Radio
USA, Europe
33
34
39 MHz
4.5 9 MHz
Loudspeaker
Subwoofer
Headphone
SCART
Outputs
2
2
SCART2
SCART1
MSP 34x1G
I2S2
ADR
I2S1
ADR
Decoder
DRP 3510A
Dolby
Pro Logic
Processor
DPL 351xA
2
2
2
2
SCART1
SCART2
SCART3
SCART4
1
Mono
SAW Filter
Sound
IF
Mixer
Vision
Demo-
dulator
Tuner
SCART
Inputs
Composite
Video


Similar Part No. - MSP3451G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3451G MICRONAS-MSP3451G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
More results

Similar Description - MSP3451G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com