Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB16SKW01-5FJB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HB16SKW01-5FJB
Description  Distinctive Characteristics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HB16SKW01-5FJB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HB16SKW01-5FJB Datasheet HTML 1Page - List of Unclassifed Manufacturers HB16SKW01-5FJB Datasheet HTML 2Page - List of Unclassifed Manufacturers HB16SKW01-5FJB Datasheet HTML 3Page - List of Unclassifed Manufacturers HB16SKW01-5FJB Datasheet HTML 4Page - List of Unclassifed Manufacturers HB16SKW01-5FJB Datasheet HTML 5Page - List of Unclassifed Manufacturers HB16SKW01-5FJB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Subminiature Pushbuttons
Series HB
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
Distinctive Characteristics
Full face and spot illumination available. Front panel relamping.
Choice of super bright LEDs in white, green, and blue in
addition to bright red, amber, and green LEDs.
Compact front panel design with 9mm square or round
bezel options.
Rear panel threaded mounting. Behind panel depth
of less than one inch. 8mm body diameter
fits common size panel cutout.
Latchdown feature gives indication of circuit status.
Audible and tactile feedback with smooth and
responsive operation.
Dual, sliding contacts with self-cleaning action provide
contact stability, high reliability, and increased
operating life.
Solder lug terminals have spacing of .100” (2.54mm) for choice
of mounting.
Longer normally closed terminal facilitates wiring and soldering.
Molded-in terminals lock out flux, dust, and other contaminants.
Nonilluminated models available.
Matching indicators available.
Actual Size
3-05


Similar Part No. - HB16SKW01-5FJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB16SKW01-5F-AB NKK-HB16SKW01-5F-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB16SKW01-5F-AB NKK-HB16SKW01-5F-AB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
logo
List of Unclassifed Man...
HB16SKW01-5F-AB ETC2-HB16SKW01-5F-AB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB16SKW01-5F-AB NKK-HB16SKW01-5F-AB Datasheet
177Kb / 6P
   General Specifications
HB16SKW01-5F-CB NKK-HB16SKW01-5F-CB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
More results

Similar Description - HB16SKW01-5FJB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com