Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB15SKW01-6FJB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HB15SKW01-6FJB
Description  Distinctive Characteristics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HB15SKW01-6FJB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HB15SKW01-6FJB Datasheet HTML 1Page - List of Unclassifed Manufacturers HB15SKW01-6FJB Datasheet HTML 2Page - List of Unclassifed Manufacturers HB15SKW01-6FJB Datasheet HTML 3Page - List of Unclassifed Manufacturers HB15SKW01-6FJB Datasheet HTML 4Page - List of Unclassifed Manufacturers HB15SKW01-6FJB Datasheet HTML 5Page - List of Unclassifed Manufacturers HB15SKW01-6FJB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Subminiature Pushbuttons
Series HB
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W):
0.1A maximum @ 30V AC/DC
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
100 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
100,000 operations minimum
Electrical Life:
50,000 operations minimum
Nominal Operating Force:
3.43N
Contact Timing:
Nonshorting (break before make)
Travel:
Pretravel .087” (2.2mm); Overtravel .031” (0.8mm); Total Travel .118” (3.0mm)
Materials & Finishes
Housing:
Glass fiber reinforced polyamide
Base:
Glass fiber reinforced polyamide
Movable Contact:
Phosphor bronze with silver plating
Stationary Contacts:
Phosphor bronze with silver plating
Common Terminal:
Phosphor bronze with silver plating
End Terminals:
Phosphor bronze with silver plating
Lamp Terminals:
Phosphor bronze with silver plating
Environmental Data
Operating Temp Range:
–25°C through +50°C (–13°F through +122°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
0.49Nm (4.34 lbin) maximum for round mounting nut
Cap Installation Force:
9.8N (2.2 lbf) maximum downward force on cap
Soldering Time & Temperature:
4 seconds maximum @ 390°C maximum for manual soldering
Note: Find additional processing data in Supplement section.
Standards & Certifications
UL & C-UL
All models recognized at 0.1A @ 30V AC/DC;
Recognized:
UL File No. WOYR2.E44145;
add “/U” to end of part number to order UL mark on switch.
C-UL File No. WOYR8.E44145;
add “/UC” to end of part number to order C-UL mark on switch.
R
R
3-05


Similar Part No. - HB15SKW01-6FJB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB15SKW01-6F-AB ETC2-HB15SKW01-6F-AB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-6F-CB ETC2-HB15SKW01-6F-CB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-6F-DB ETC2-HB15SKW01-6F-DB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-6F-FB ETC2-HB15SKW01-6F-FB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-6F-JB NKK-HB15SKW01-6F-JB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
More results

Similar Description - HB15SKW01-6FJB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com