Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPA56011 Datasheet(PDF) 8 Page - Motorola, Inc

Part # DSPA56011
Description  24-BIT DVD DIGITAL SIGNAL PROCESSOR
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSPA56011 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button DSPA56011 Datasheet HTML 4Page - Motorola, Inc DSPA56011 Datasheet HTML 5Page - Motorola, Inc DSPA56011 Datasheet HTML 6Page - Motorola, Inc DSPA56011 Datasheet HTML 7Page - Motorola, Inc DSPA56011 Datasheet HTML 8Page - Motorola, Inc DSPA56011 Datasheet HTML 9Page - Motorola, Inc DSPA56011 Datasheet HTML 10Page - Motorola, Inc DSPA56011 Datasheet HTML 11Page - Motorola, Inc DSPA56011 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
Preliminary Information
1-2
DSP56011 Technical Data Sheet, Rev. 1
MOTOROLA
Signal/Connection Descriptions
Signal Groupings
Figure 1-1 Signals Identified by Functional Group
DSP56011
Digital Audio
Transmitter (DAX)
PLL
OnCE™
Port
Power Inputs:
PLL
Internal Logic
A
D
HI
SHI
Debug
DSI
DSCK
DSO
DR
PLOCK
PCAP
PINIT
EXTAL
VCCP
VCCQ
VCCA
VCCD
VCCH
VCCS
4
Serial Audio
Interface (SAI)
Rec0
Rec1
Tran0
Tran1
Tran2
1
2
3
Grounds:
PLL
Internal Logic
A
D
HI
SHI
GNDP
GNDQ
GNDA
GNDD
GNDH
GNDS
4
3
2
3
Interrupt/
Mode
Control
MODA/IRQA
MODB/IRQB
MODC/NMI
RESET
Host
Interface
(HI) Port
H0–H7
HOA0
HOA1
HOA2
HR/W
HEN
HOREQ
HACK
WSR
SCKR
SDI0
SDI1
WST
SCKT
SDO0
SDO1
SDO2
ADO
ACI
8
2
4
Serial Host
Interface (SHI)
SPI Mode
MOSI
SS
MISO
SCK
HREQ
Port B GPIO
PB0–PB7
PB8
PB9
PB10
PB11
PB12
PB13
PB14
General Purpose
Input/Output (GPIO)
GPIO0–GPIO7
8
HI
I2C Mode
HA0
HA2
SDA
SCL
HREQ
Non-Debug
OS0
OS1
DSO
DR


Similar Part No. - DSPA56011

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
   The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
DSPA56720AG FREESCALE-DSPA56720AG Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
logo
NXP Semiconductors
DSPA56720AG NXP-DSPA56720AG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
DSPA56720CAG NXP-DSPA56720CAG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSPA56721AF FREESCALE-DSPA56721AF Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
More results

Similar Description - DSPA56011

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
   24-Bit Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com