Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK1933D-2 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK1933D-2
Description  ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1933D-2 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK1933D-2 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1933D-2 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1933D-2 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1933D-2 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1933D-2 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1933D-2 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL SPECIFICATIONS
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
Rev. A 8/00
PART
NUMBER
MSK 1933S-0
MSK 1933D-0
MSK 1933U-0
MSK 1933S-2
MSK 1933D-2
MSK 1933U-2
MSK 1933S-4
MSK 1933D-4
MSK 1933U-4
MSK 1933S-6
MSK 1933D-6
MSK 1933U-6
LEAD
OPTION
STRAIGHT
DOWN
UP
STRAIGHT
DOWN
UP
STRAIGHT
DOWN
UP
STRAIGHT
DOWN
UP
-VHV
MAX
-95V
-95V
-75V
-120V
INTERNAL
RP
NONE
400Ω
200Ω
400Ω
3.5nS
3.0nS
2.5nS
6.0nS
TYPICAL
RISE TIME
SCREENING
LEVEL
Industrial
Industrial
Industrial
Industrial
ORDERING INFORMATION
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD TRIANGLE INDICATES PIN 1.
TORQUE SPECIFICATION 4 TO 6 IN/LBS.
6


Similar Part No. - MSK1933D-2

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1932 MSK-MSK1932 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932D-0 MSK-MSK1932D-0 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932D-2 MSK-MSK1932D-2 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932D-4 MSK-MSK1932D-4 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932D-6 MSK-MSK1932D-6 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
More results

Similar Description - MSK1933D-2

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
   HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1922 MSK-MSK1922 Datasheet
236Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932 MSK-MSK1932 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1902 MSK-MSK1902 Datasheet
257Kb / 6P
   HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
MSK604 MSK-MSK604 Datasheet
148Kb / 6P
   NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Fairchild Semiconductor
KSC2258ASTU FAIRCHILD-KSC2258ASTU Datasheet
50Kb / 4P
   High Voltage General Amplifier TV Video Output Amplifier
logo
Continental Device Indi...
CSC2611 CDIL-CSC2611 Datasheet
126Kb / 3P
   High voltage Amplifier and TV Video Output
logo
Hitachi Semiconductor
2SC2278 HITACHI-2SC2278 Datasheet
38Kb / 1P
   HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
2SC1514 HITACHI-2SC1514 Datasheet
43Kb / 1P
   HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
logo
Sanyo Semicon Device
VPS13 SANYO-VPS13 Datasheet
88Kb / 4P
   CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com