Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK1933S-6 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK1933S-6
Description  ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1933S-6 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK1933S-6 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1933S-6 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1933S-6 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1933S-6 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1933S-6 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1933S-6 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
FEATURES:
Low Cost Complete Amplifier System
100Vpp Output Signal Into 10pF
Ultra Fast Transition Times: 2.5nS @ 50Vpp
User Adjustable Contrast and Brightness
TTL Compatible Blanking
On Board DC Reference Output
Customized Versions Readily Available
Available with Three Lead Bend Options
MIL-PRF-38534 CERTIFIED
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
SERIES
1933
DESCRIPTION:
The MSK 1933 Series of High Speed, High Voltage Video Amplifiers are designed to drive the grid of today's high
performance CRTs. The MSK 1933 has user adjustable contrast and brightness levels and also comes with a blanking
function. The MSK 1933 can be directly connected to many video sources including RS170, RS343 and high speed
video D/A converters. The MSK 1933 is available in four versions for different applications. The MSK 1933-0 has no
internal high voltage resistor or inductor allowing the user to dissipate much of the power externally. The MSK 1933-
2, MSK 1933-4 and the MSK 1933-6 each have an internal resistor-inductor designed for optimum bandwidth. The
MSK 1933-6 has slightly lower bandwidth but can be operated from up to -120V. Each version of the MSK 1933 is
packaged in an isolated 22 pin insulated ceramic substrate that can be directly connected to a heat sink using
standard mounting techniques. The leads are available straight out, bent up or bent down.
EQUIVALENT SCHEMATIC
Helmet Mounted Displays
High Resolution RGB Displays
High Resolution Monochrome Displays
Automatic Test Equipment
Medical Monitors
CAE/CAD Station Monitors
Projection Displays
Beam Index Displays
TYPICAL APPLICATIONS
1
2
3
4
5
6
7
8
Ground
Ground
Blank
VEE
-Input
+Input
Ground
VGain
PIN-OUT INFORMATION
Output
N/C
Vcc
Vcc
Ground
Ground
17
18
19
20
21
22
Voff
Vref
Ground
-VHV RES
-VHV RES
Ground
-VHV
-VHV
9
10
11
12
13
14
15
16
ULTRA HIGH SPEED/VOLTAGE
NEGATIVE OUTPUT
VIDEO AMPLIFIER
Rev. A 8/00
1


Similar Part No. - MSK1933S-6

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1932 MSK-MSK1932 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932D-0 MSK-MSK1932D-0 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932D-2 MSK-MSK1932D-2 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932D-4 MSK-MSK1932D-4 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932D-6 MSK-MSK1932D-6 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
More results

Similar Description - MSK1933S-6

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
   HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1922 MSK-MSK1922 Datasheet
236Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932 MSK-MSK1932 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1902 MSK-MSK1902 Datasheet
257Kb / 6P
   HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
MSK604 MSK-MSK604 Datasheet
148Kb / 6P
   NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Fairchild Semiconductor
KSC2258ASTU FAIRCHILD-KSC2258ASTU Datasheet
50Kb / 4P
   High Voltage General Amplifier TV Video Output Amplifier
logo
Continental Device Indi...
CSC2611 CDIL-CSC2611 Datasheet
126Kb / 3P
   High voltage Amplifier and TV Video Output
logo
Hitachi Semiconductor
2SC2278 HITACHI-2SC2278 Datasheet
38Kb / 1P
   HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
2SC1514 HITACHI-2SC1514 Datasheet
43Kb / 1P
   HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
logo
Sanyo Semicon Device
VPS13 SANYO-VPS13 Datasheet
88Kb / 4P
   CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com